| Zakładka z wyszukiwarką danych komponentów |
|
STM32WB55CCU6ATR Arkusz danych(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CCU6ATR Arkusz danych(HTML) 55 Page - STMicroelectronics |
|
55 / 193 page ![]() DS11929 Rev 10 55/193 STM32WB55xx STM32WB35xx Functional overview 57 extremely low energy consumption. Higher speed clock can be used to reach higher baudrates. The LPUART interfaces can be served by the DMA controller. 3.25 Serial peripheral interface (SPI1, SPI2) Two SPI interfaces enable communication up to 32 Mbit/s in master and up to 24 Mbit/s in slave modes, in half-duplex, full-duplex and simplex modes. The 3-bit prescaler gives 8 master mode frequencies and the frame size is configurable from 4 bits to 16 bits. The SPI interfaces support NSS pulse mode, TI mode and Hardware CRC calculation. The SPI interfaces can be served by the DMA controller. 3.26 Serial audio interfaces (SAI1) The device embeds a dual channel SAI peripheral that supports full duplex audio operation. The SAI bus interface handles communications between the microcontroller and the serial audio protocol. The SAI peripheral supports: One independent audio sub-block that can be a transmitter or a receiver, with the respective FIFO 8-word integrated FIFOs Synchronous or asynchronous mode Master or slave configuration Clock generator to target independent audio frequency sampling when audio sub-block is configured in master mode Data size configurable: 8-, 10-, 16-, 20-, 24-, 32-bit Peripheral with large configurability and flexibility allowing to target as example the following audio protocol: I2S, LSB or MSB-justified, PCM/DSP, TDM, AC’97 and SPDIF out Up to 16 slots available with configurable size and with the possibility to select which ones are active in the audio frame Number of bits by frame may be configurable Frame synchronization active level configurable (offset, bit length, level) First active bit position in the slot is configurable LSB first or MSB first for data transfer Mute mode Stereo/Mono audio frame capability Communication clock strobing edge configurable (SCK) Error flags with associated interrupts if enabled respectively – Overrun and underrun detection – Anticipated frame synchronization signal detection in slave mode – Late frame synchronization signal detection in slave mode – Codec not ready for the AC’97 mode in reception |