Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F1423 Arkusz danych(PDF) 1 Page - Renesas Technology Corp

Numer części F1423
Szczegółowy opis  TX Differential Input RF Amplifier 600 MHz to 3000 MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1423 Arkusz danych(HTML) 1 Page - Renesas Technology Corp

  F1423 Datasheet HTML 1Page - Renesas Technology Corp F1423 Datasheet HTML 2Page - Renesas Technology Corp F1423 Datasheet HTML 3Page - Renesas Technology Corp F1423 Datasheet HTML 4Page - Renesas Technology Corp F1423 Datasheet HTML 5Page - Renesas Technology Corp F1423 Datasheet HTML 6Page - Renesas Technology Corp F1423 Datasheet HTML 7Page - Renesas Technology Corp F1423 Datasheet HTML 8Page - Renesas Technology Corp F1423 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
F1423
Datasheet
TX Differential Input RF Amplifier
600 MHz to 3000 MHz
F1423, Rev O 11/6/2015
1
GENERAL DESCRIPTION
The F1423 is a 600 MHz to 3000 MHz TX differential
input / single-ended output RF amplifier used in
transmitter applications.
The F1423 TX Amp provides 13.1 dB gain with
+41.8 dBm OIP3 and 5.1 dB noise figure at 2000 MHz.
This device uses a single 5 V supply and 120 mA of ICC.
This device is packaged in a 4mm x 4mm, 24-pin Thin
QFN with 50 ohm differential RF input and 50 ohm
single ended RF output impedances for ease of
integration into the signal-path.
COMPETITIVE ADVANTAGE
In typical Base Stations, RF Amplifiers are used in the
TX traffic paths to drive the transmit power amplifier.
The F1423 TX Amplifier offers very high reliability due
to its construction using silicon die in a QFN package.
The F1423 includes a broadband differential input to
accept AC-coupled signals directly from a balanced
modulator or RF DAC architecture.
APPLICATIONS
Multi-mode, Multi-carrier Transmitters
GSM850/900 Base Stations
PCS1900 Base Stations
DCS1800 Base Stations
WiMAX and LTE Base Stations
UMTS/WCDMA 3G Base Stations
PHS/PAS Base Stations
Public Safety Infrastructure
FEATURES
Broadband 600 MHz – 3000 MHz
13.1 dB typical gain @ 2000 MHz
5.1 dB NF @ 2000 MHz
+41.8 dBm OIP3 @ 2000 MHz
+21.5 dBm output P1dB @ 2000 MHz
Single 5 V supply voltage
ICC = 120 mA
Up to +105 °C TCASE operating temperature
50
differential input impedance
50
single ended output impedance
Positive gain slope for board loss
compensation
Standby mode for power savings
4 mm x 4 mm, 24-pin TQFN package
FUNCTIONAL BLOCK DIAGRAM
RFOUT
RFIN
STBY
BANDSEL
ORDERING INFORMATION
F1423NBGI8
Green
Tape &
Reel
RF Product Line


Podobny numer części - F1423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
F1423 IDT-F1423 Datasheet
2Mb / 26P
TX Differential Input RF Amplifier
F1423NBGI IDT-F1423NBGI Datasheet
2Mb / 26P
TX Differential Input RF Amplifier
More results

Podobny opis - F1423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micronetics, Inc.
NMA2415-A2T MICRONETICS-NMA2415-A2T Datasheet
318Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B1T MICRONETICS-NMA2415-B1T Datasheet
166Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B2T MICRONETICS-NMA2415-B2T Datasheet
357Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-A2S MICRONETICS-NMA2415-A2S Datasheet
201Kb / 2P
Legacy 30 MHz to 3000 MHz
logo
KR Electronics, Inc.
3192-2 KR-3192-2 Datasheet
99Kb / 3P
100 MHz to 3000 MHz Bandpass
logo
Integrated Device Techn...
F1423 IDT-F1423 Datasheet
2Mb / 26P
TX Differential Input RF Amplifier
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Teledyne Technologies I...
A2C3110 TELEDYNE-A2C3110 Datasheet
94Kb / 1P
10 TO 3000 MHz SMA CASCADED AMPLIFIER
AC3033 TELEDYNE-AC3033 Datasheet
176Kb / 2P
1000 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Renesas Technology Corp
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com