Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NFAM2012L5B Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części NFAM2012L5B
Szczegółowy opis  Intelligent Power Module (IPM) 1200 V, 20 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM2012L5B Arkusz danych(HTML) 2 Page - ON Semiconductor

  NFAM2012L5B Datasheet HTML 1Page - ON Semiconductor NFAM2012L5B Datasheet HTML 2Page - ON Semiconductor NFAM2012L5B Datasheet HTML 3Page - ON Semiconductor NFAM2012L5B Datasheet HTML 4Page - ON Semiconductor NFAM2012L5B Datasheet HTML 5Page - ON Semiconductor NFAM2012L5B Datasheet HTML 6Page - ON Semiconductor NFAM2012L5B Datasheet HTML 7Page - ON Semiconductor NFAM2012L5B Datasheet HTML 8Page - ON Semiconductor NFAM2012L5B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NFAM2012L5B
www.onsemi.com
2
HIN (U) (6)
HVIC 1
VDD(UH) (4)
VB(U) (3)
VS(U) (1)
LIN(V) (22)
VTS (20)
LIN(U) (21)
N.C (38)
U (36)
P (37)
V (35)
W (34)
NU (33)
NV (32)
NW (31)
VS
HIN
VDD
VB
VSS
HOUT
HIN (V) (12)
HVIC 2
VDD(VH) (10)
VB(V) (9)
VS(V) (7)
VS
VB
VSS
HOUT
HIN (W) (18)
HVIC 3
VDD(WH) (16)
VB(W) (15)
VS(W) (13)
VS
VB
VSS
HOUT
LVIC
OUT(U)
OUT(V)
OUT(W)
LIN(W) (23)
VFO (24)
CFOD (25)
CIN (26)
VSS (27)
VDD(L) (28)
VTS
LIN(U)
LIN(V)
LIN(W)
VFO
CFOD
CIN
VSS
VDD
+
C1
Phase current
Motor
CS
MCU
Signal for short circuit trip
HIN
VDD
HIN
VDD
5V line
15V line
Figure 2. Application Schematic − Adjustable Option



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com