Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRU3065 Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRU3065
Szczegółowy opis  POSITIVE TO NEGATIVE DC TO DC CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRU3065 Arkusz danych(HTML) 6 Page - International Rectifier

Back Button IRU3065 Datasheet HTML 2Page - International Rectifier IRU3065 Datasheet HTML 3Page - International Rectifier IRU3065 Datasheet HTML 4Page - International Rectifier IRU3065 Datasheet HTML 5Page - International Rectifier IRU3065 Datasheet HTML 6Page - International Rectifier IRU3065 Datasheet HTML 7Page - International Rectifier IRU3065 Datasheet HTML 8Page - International Rectifier IRU3065 Datasheet HTML 9Page - International Rectifier IRU3065 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
IRU3065(PbF)
www.irf.com
in figure 1. The schottky diode can be replaced with a
100Ω resistor (Figure 28.) with a small sacrifice of effi-
ciency but lower cost.
Thermal Consideration
The thermal design is to ensure maximum junction tem-
perature of IRU3065 will not exceed the maximum op-
eration junction temperature, which is 125 C. The junc-
tion temperature can be estimated by the following:
TJ = PD×ΘJA+TA≤TJ(MAX) = 125 C
Where ΘJA is the thermal resistance from junction to
case which is usually provided in the specification. PD
is the power dissipation. TA is the ambient temperature.
The package thermal resistance of IRU3065 is estimated
as 230C/W due to compact package.
Assuming the maximum allowed ambient temperature
is 70C, the maximum power dissipation of IRU3065 will
be
PD<(125-70C)/ΘJA=(125-70)/230=240mW
For High Power Application
The IR3065 driver is designed to driver PMOS for low
current applications. Figure 4. shows the rise time ver-
sus cap load. For big capacitor load, the rise time is
increasing.
Rise time versus cap load
0
10
20
30
40
50
60
70
80
90
00.511.522.5
Cap(nF)
Fig.4. Rise time versus cap load.
The internal gate driver of IRU3065 is designed for
load current up to 1A. For higher power applications,
external driver is recommended to driver the external
FETs.
Demo board Evaluation Results
Fig.1 shows the evaluation board schematic and the
selected components. The diode D1 can be replaced
with a 100ohm resistor. The measured efficiency ver-
sus load current is shown in Fig. 6. With the boot strap
schottky diode, the efficiency is slight higher compar-
ing with using 100ohm resistor.
If higher efficiency is preferred, lower operation fre-
quency should be selected. Figure. 5 shows a effi-
ciency curve when 4.7uH inductor is chosen. The maxi-
mum operation frequency reduces from 800k to 250kHz.
As a results, efficiency is more than 10% higher.
For the application circuit shown in Fig.1. The mea-
sured output voltage versus output current is shown in
Figure 7. When the load current approaches 400mA,
the output voltage starts to drop and goes into power
limit mode. When output is about 1A, the output voltage
will goes almost zero.
The measured frequency versus load is listed in Fig-
ure 8. The highest switching frequency occurs at about
440mA. As load current goes up, the IC goes into
power limit mode and frequency automatically goes down
to protect the system.
The current sensing comparator threshold voltage ver-
sus VCC is shown in Figure. 9. Since this threshold is
only a divided voltage of VCC, it will changes when
VCC changes. This should be aware in the application.
The output voltage versus Vin=VCC is shown in fig-
ure 11. Since the voltage reference is set by Vin. When
Vin changes, the output voltage will change along Vin.
Sometimes this feature is preferrable since Vout may
want to be tracked with Vin except the polarity. How-
ever, if more accurate output is required, a external
voltage reference should set the output voltage.
For the evaluation board, the measured inductor volt-
age waveforms are listed in Figure 13-17. Figure 15
shows the measured inductor voltage waveform when
output current is 250mA, which the converter is oper-
ated in regulation mode and output voltage is regulated
at desired voltage -5V. Figure 16 shows the measured
inductor voltage waveform when the output current is
equal to the critical current IOCP. Figure 17 shows the
measured inductor voltage waveform when the output is
in short circuit, which indicates that the converter is in
power limit mode and output voltage is near zero.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com