Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRU3065 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRU3065
Szczegółowy opis  POSITIVE TO NEGATIVE DC TO DC CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRU3065 Arkusz danych(HTML) 1 Page - International Rectifier

  IRU3065 Datasheet HTML 1Page - International Rectifier IRU3065 Datasheet HTML 2Page - International Rectifier IRU3065 Datasheet HTML 3Page - International Rectifier IRU3065 Datasheet HTML 4Page - International Rectifier IRU3065 Datasheet HTML 5Page - International Rectifier IRU3065 Datasheet HTML 6Page - International Rectifier IRU3065 Datasheet HTML 7Page - International Rectifier IRU3065 Datasheet HTML 8Page - International Rectifier IRU3065 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IRU3065(PbF)
1
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU3065 controller is designed to provide solutions
for the applications requiring low power on board switch-
ing regulators. The IRU3065 is specifically designed
for positive to negative conversion and uses few com-
ponents for a simple solution. The IRU3065 operates at
high switching frequency (up to 1.5MHz), resulting in
smaller magnetics. The output voltage can be set by
using an external resistor divider. The stability over all
conditions is inherent with this architecture without any
compensation. The device is available in the standard
6-Pin SOT-23.
Generate Negative Output from +5V Input
1A Maximum Output Current
1.5MHz maximum Switching Frequency
Few External Components
Available in 6-Pin SOT-23
FEATURES
APPLICATIONS
Hard Disk Drives
Blue Laser for DVD R-W
MR Head Bias
LCD Bias
GaAs FET Bias
Positive-to-Negative Conversion
Data Sheet No. PD94703 revA
Figure 1 - Typical application of IRU3065 for single input voltage.
POSITIVE TO NEGATIVE DC TO DC CONTROLLER
PRODUCT DATASHEET
VOUT = -VREF ×
R3
R2
IRU3065
U1
VDD
Vcc
VGATE
Gnd
ISEN
VSEN
VOUT (-5V)
VREF = 5V
5V
D1
BAT54
D2
L1
1.2uH
Q1
IRLML5203
R1
0.1
R2
R3
C6
10uF
C3
100pF
10K
10K
10BQ015
C1 1uF
C4
10uF
PACKAGE ORDER INFORMATION
TA (
°C)
DEVICE
PACKAGE
OUTPUT VOLTAGE
0 To 70
IRU3065CLTR
6-Pin SOT-23 (L6)
Adjustable
TA (
°C)
DEVICE
PACKAGE
OUTPUT VOLTAGE
0 To 70
IRU3065CLTRPbF
6-Pin SOT-23 (L6)
Adjustable
Basic Part (Non Lead-Free)
Lead-Free Part


Podobny numer części - IRU3065

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3004CF IRF-IRU3004CF Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3004CW IRF-IRU3004CW Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3007CW IRF-IRU3007CW Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
More results

Podobny opis - IRU3065

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TOKO, Inc
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
POSITIVE-TO-NEGATIVE DC-DC CONVERTER
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
POSITIVE TO NEGATIVE DC-DC CONVERTER
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
logo
Linear Technology
LTC3704 LINER-LTC3704 Datasheet
350Kb / 28P
Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
logo
First Components Intern...
MC34063 FCI-MC34063 Datasheet
276Kb / 5P
DC to DC converted Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A_08 Datasheet
479Kb / 10P
DC TO DC CONVERTER CONTROLLER
logo
Texas Instruments
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063_13 Datasheet
353Kb / 10P
Dc to Dc Converter Controller
logo
Linear Technology
LTC3704 LINER-LTC3704_15 Datasheet
331Kb / 28P
Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com