Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1012 Arkusz danych(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części LM1012
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM1012 Arkusz danych(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM1012 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1012 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1012 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1012 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURE
●Epoxy meets UL 94 V-0 flammability rating
●Moisture Sensitivity Level1
●High density cell design for low RDS(ON)
●High-Side Switching
●ESD Protect 2kv
●Rugged and reliable
APPLICATION
●Drivers: Relays, Solenoid, Lamps, Hammers, Displays,
Memories
●Battery Operated Systems
●Power Supply Converter Circuits
●Load/Power Switching Cell Phones, Pagers
■MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage
20
V
VGS
Gate-source Voltage
±12
V
ID
Continuous Drain Current
500
mA
IDM
Pulsed Drain Current A
1000
mA
PD
Power Dissipation with no heat sink @ TA=25℃
150
mW
Maximum Power Dissipation with infinite heat sink @ TC=25℃
275
mW
RthJA
Thermal Resistance From Junction To Ambient
833
℃/W
TJ
Operation Junction Temperature
150
℃
TSTG
Storage Temperature
-55~+150
℃
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
Marking
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
LM1012
F1
C
3000
30000
120000
7“ reel
COMPLIANT
RoHS
N-Channel Enhancement Mode Power MOSFET
LM1012
Rev :
www.leiditech.com
01.06.2018
1/4


Podobny numer części - LM1012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
LM1012N3 LEIDITECH-LM1012N3 Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
LM1012T LEIDITECH-LM1012T Datasheet
1Mb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - LM1012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com