Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS13F Arkusz danych(PDF) 1 Page - First Silicon Co., Ltd

Numer części SS13F
Szczegółowy opis  1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FS [First Silicon Co., Ltd]
Strona internetowa  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS13F Arkusz danych(HTML) 1 Page - First Silicon Co., Ltd

  SS13F Datasheet HTML 1Page - First Silicon Co., Ltd SS13F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
SS
12F
SS
13F
SS
14F
SS
15F
SS
16F
SS
18F
SS
110F
SS
115F
SS
120F
UNITS
Maximum repetitive peak reverse voltage
V RRM
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
V RMS
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
V DC
30
40
50
60
80
100
150
200
V
Average Rectified Output Current
0.375″(9.5mm) lead length
I O
1.0
A
Peak forward surge current, 8.3 mS single half sine-wave
superimposed on rated load
I FSM
30.0
A
Maximum instantaneous forward voltage at I o
F
V
Maximum DC reverse current
@ TA = 25℃
at rated DC blocking voltage
@ TA = 100℃
I R
0.5
5.0
0.3
3.0
mA
C
Typical junction capacitance (Note 1)
J
80
R
Typical thermal resistance (Note 2)
θJA
70.0
℃
/W
T
Operating junction temperature range
J
-55 to +150
-55 to +125
℃
T
Storage temperature range
STG
-55 to +150
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. P.C.B. mounted with 0.2×0.2”(5.0×5.0 mm) copper pad areas..
●
Metal silicon junction, majority carrier conduction
●
Guardring for overvoltage protection
●
Low power loss, high efficiency
●
High current capability, low forward voltage drop
●
High surge capability
●
High temperature soldering guaranteed:
250℃/10 seconds at terminals
●
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
●
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection application
●
Case: SMA-FL molded plastic body
●
Terminals: Plated axial leads,
solderable per MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.0027 grams (approximate)
V
20
14
20
21
0.70
0.55
0.85
0.95
℃
SEMICONDUCTOR
TECHNICAL DATA
SS12F ~ SS120F
1A SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
2019. 03. 05
1/2
Revision No : 0
pF


Podobny numer części - SS13F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SS13F PANJIT-SS13F Datasheet
258Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS13F CHENDA-SS13F Datasheet
629Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SS13F ZSELEC-SS13F Datasheet
87Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SS13F BILIN-SS13F Datasheet
448Kb / 4P
Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SS13F YIXIN-SS13F Datasheet
129Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS13F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Semiconducto...
SR1020 CHENDA-SR1020 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SR15200 CHENDA-SR15200 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF830 CHENDA-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF850 CHENDA-SRF850 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF870 CHENDA-SRF870 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF880 CHENDA-SRF880 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Gaomi Xinghe Electronic...
SRF520 GXELECTRONICS-SRF520 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
SRF5100 GXELECTRONICS-SRF5100 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
First Silicon Co., Ltd
SK32F FS-SK32F Datasheet
288Kb / 2P
3A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts, Forward Current 3.0 Amperes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com