Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS13F Arkusz danych(PDF) 2 Page - First Silicon Co., Ltd

Numer części SS13F
Szczegółowy opis  1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FS [First Silicon Co., Ltd]
Strona internetowa  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS13F Arkusz danych(HTML) 2 Page - First Silicon Co., Ltd

  SS13F Datasheet HTML 1Page - First Silicon Co., Ltd SS13F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.00
0.80
0.60
0.40
0.20
0.00
0
30
60
90
120
150
Ratings and Characteristic Curves
FIG. 1 – TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 – TYPICAL FORWARD CHARACTERISTICS
FIG. 3 – MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4 – TYPICAL REVERSE CHARACTERISTICS
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
100.00
10 00
1.00
0.10
0.01
0.2
0.5
0.8
1.1
1.4
FORWARD VOLTAGE (V)
50
40
30
20
0
10
1
10
100
NUMBER OF CYCLES AT 60Hz
Tj=25
℃
REVERSE VOLTAGE (V)
240
200
160
0
120
80
40
0.1
1
10
100
100.00
10.00
1.00
0.10
0.001
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
0.01
100
℃
25
℃
SS12F-SS14F
SS15F-SS16F
SS18F-SS110F
SS115F-SS120F
SS12F-SS16F
SS18F-SS110F
SS115F-SS120F
SS12F-SS110F
SS115F-SS120F
Pulse Width=300us
1% Duty Cycle
SS12F ~ SS120F
2019. 03. 05
2/2
Revision No : 0
AMBIENT TEMPERATURE (
℃)



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com