Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4375 Arkusz danych(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części LM4375
Szczegółowy opis  P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4375 Arkusz danych(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4375 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4375 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4375 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
LM4375 = C3
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Drain-Source Breakdown V oltage
漏極-源極擊穿電壓(ID =-250uA,VGS=0V)
BVDSS
-40
—
—
V
Gate Threshold V oltage
栅極開启電壓(ID =-250uA,VGS= VDS)
VGS(th)
-1.0
—
-3
V
Diode Forward V oltageDrop
内附二極管正向壓降
(ISD=-750mA,VGS=0V)
VSD
—
—
-1
V
Zero Gate V oltageDrain Current
零栅壓漏極電流(VGS=0V, VDS= -40V)
IDSS
—
—
-1
u
A
Gate Body Leakage
栅極漏電流(VGS=+20V, VDS=0V)
IGSS
—
—
+100
n
A
Static Drain-Source On-State Resistance
静态漏源導通電阻(ID=-5A,VGS=-10V)
(ID=-4A,VGS=-4.5V)
RDS(ON)
—
75
115
80
120
mΩ
Input Capacitance
輸入電容
(VGS=0V, VDS=-25V,f=1MHz)
CISS
—
573
—
pF
Common Source Output Capacitance
共源輸出電容(VGS=0V, VDS=-25V,f=1MHz)
COSS
—
110
—
pF
Turn-ON Time 开启時間
(VDS=-30V, ID=-270mA, RGEN=6Ω)
t(on)
—
—
55
ns
Turn-OFF Time 关断時間
(VDS=-30V, ID=-270mA, RGEN=6Ω)
t(off)
—
—
120
ns
1. FR-5=1.0×0.75×0.062in.
2. Alumina=0.4×0.3×0.024in.99.5%alumina.
3.
Pulse Width<300μs; Duty Cycle<2.0%.
LM4375
Rev :
www.leiditech.com
01.06.2019
2/3



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com