Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4375 Arkusz danych(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części LM4375
Szczegółowy opis  P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4375 Arkusz danych(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4375 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4375 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4375 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS最大額定值
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Drain-Source V oltage
漏極-源極電壓
BVDSS
-40
V
Gate- Source V oltage
栅極-源極電壓
VGS
+20
V
Drain Current (continuous)
漏極電流-連續
IDR
-3
A
Drain Current (pulsed)
漏極電流-脉冲
IDRM
-5
A
■
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
熱特性
Characteristic 特性
Symbol
符號
Max
最大值
Unit
單位
Total Device Dissipation 總耗散功率
TA
=25℃環境溫度爲 25℃
Derate above25℃ 超過 25℃遞減
PD
1000
3.8
mW
mW/℃
Thermal Resistance Junction to Ambient
熱阻
RΘJA
150
℃/W
Junction and Storage Temperature
結溫和儲存溫度
TJ,Tstg
150℃,-55to+150℃
Enhancement Mode Power MOSFET
P-Channel
LM4375
Rev :
www.leiditech.com
01.06.2019
1/3
Product Summary
● VDS
40V
● ID
3.0A
General Description
● Trench Power MV MOSFET technology
● Excellent package for heat dissipation
● High density cell design for low RDS(ON)
● MSL LEVEL1
Applications
● DC-DC Converters
● Power management functions


Podobny numer części - LM4375

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308 TI-LM4308 Datasheet
1Mb / 33P
18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
LM4308GR/NOPB TI1-LM4308GR/NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM4308GRX/NOPB TI1-LM4308GRX/NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
More results

Podobny opis - LM4375

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com