| Zakładka z wyszukiwarką danych komponentów |
|
M34E02 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 23 page ![]() M34E02 6/23 Figure 5. I2C Bus Protocol Table 2. Device Select Code Note: 1. The most significant bit, b7, is sent first. 2. E0, E1 and E2 are compared against the respective external pins on the memory device. Chip Enable Signals Device Type Identifier Chip Enable Bits RW b7 1 b6 b5 b4 b3 b2 b1 b0 Memory Area Select Code (two arrays) 2 E2 E1 E0 1 0 1 0 E2 E1 E0 RW Set Write Protection (SWP) VSS VSS VHV 01 10 0010 Clear Write Protection (CWP) VSS VCC VHV 0110 Permanently Set Write Protection (PSWP) 2 E2 E1 E0 E2 E1 E0 0 Read SWP VSS VSS VHV 0011 Read CWP VSS VCC VHV 0111 Read PSWP 2 E2 E1 E0 E2 E1 E0 1 SCL SDA SCL SDA SDA START Condition SDA Input SDA Change AI00792B STOP Condition 1 23 7 89 MSB ACK START Condition SCL 1 23 7 89 MSB ACK STOP Condition |