Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMD-3580L Arkusz danych(PDF) 8 Page - Marki Microwave

Numer części MMD-3580L
Szczegółowy opis  GaAs MMIC Millimeter Wave Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKIMICROWAVE [Marki Microwave]
Strona internetowa  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

MMD-3580L Arkusz danych(HTML) 8 Page - Marki Microwave

Back Button MMD-3580L Datasheet HTML 2Page - Marki Microwave MMD-3580L Datasheet HTML 3Page - Marki Microwave MMD-3580L Datasheet HTML 4Page - Marki Microwave MMD-3580L Datasheet HTML 5Page - Marki Microwave MMD-3580L Datasheet HTML 6Page - Marki Microwave MMD-3580L Datasheet HTML 7Page - Marki Microwave MMD-3580L Datasheet HTML 8Page - Marki Microwave MMD-3580L Datasheet HTML 9Page - Marki Microwave MMD-3580L Datasheet HTML 10Page - Marki Microwave  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.markimicrowave.com
MMD-3580L
Copyright © 2019 Marki Microwave, Inc.
P a g e 8 | R e v . A
4. Die Mounting Recommendations
4.1 Mounting and Bonding Recommendations
Marki MMICs should be attached directly to a ground plane with conductive epoxy. The
ground plane electrical impedance should be as low as practically possible. This will
prevent resonances and permit the best possible electrical performance. Datasheet
performance is only guaranteed in an environment with a low electrical impedance ground.
Mounting - To epoxy the chip, apply a minimum amount of conductive epoxy to the
mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip.
Cure epoxy according to manufacturer instructions.
Wire Bonding - Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire.
Thermosonic wirebonding with a nominal stage temperature of 150 °C and a ball bonding
force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use
the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be
started on the chip and terminated on the package or substrate. All bonds should be as
short as possible <0.31 mm (12 mils).
Circuit Considerations – 50 Ω transmission lines should be used for all high frequency
connections in and out of the chip. Wirebonds should be kept as short as possible, with
multiple wirebonds recommended for higher frequency connections to reduce parasitic
inductance. In circumstances where the chip more than .001” thinner than the
substrate, a heat spreading spacer tab is optional to further reduce bondwire length and
parasitic inductance.
4.2 Handling Precautions
General Handling
Chips should be handled with care using tweezers or a vacuum collet. Users should take
precautions to protect chips from direct human contact that can deposit contaminants,
like perspiration and skin oils on any of the chip's surfaces.
Static Sensitivity
GaAs MMIC devices are sensitive to ESD and should be handled, assembled, tested, and
transported only in static protected environments.
Cleaning and Storage: Do not attempt to clean the chip with a liquid cleaning system or
expose the bare chips to liquid. Once the ESD sensitive bags the chips are stored in are
opened, chips should be stored in a dry nitrogen atmosphere.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com