| Zakładka z wyszukiwarką danych komponentów |
|
73VR2108-E-M2 Arkusz danych(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
73VR2108-E-M2 Arkusz danych(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 18 page ![]() MODEL: 73VR21 73VR21 SPECIFICATIONS ES-7395 Rev.29 Page 5/18 https://www.m-system.co.jp/ INPUT TYPE, RANGE, ACCURACY & TEMPERATURE COEFFICIENT * Accuracy: Applicable with the common mode voltage 0V be- tween C terminals of all channels and between C terminal of each channel and FG terminal. The effects by the following factors are excluded: Fast A/D conversion mode; temperature drift with the REM3 directly mounted to the I/O terminals; wire resistance; burnout sens- ing current with upscale/downscale settings. With 100 msec. storing rate, measured value may be sus- ceptible to inaccuracies due to the fast update cycle. If this is the case, please choose 500 msec. or slower rate. Table 1. DC Voltage Input INPUT RANGE ACCURACY (mV) ±60 mV ±125 mV ±250 mV ±0.05 ±0.07 ±0.13 ±500 mV ±1000 mV ±0.3 ±0.5 ±3 V ±6 V ±12 V ±3 ±5 ±10 Table 2-1. Thermocouple Input, Celsius T/C USABLE RABGE (°C) CONFORMANCE RANGE (°C) ACCURACY (°C) (PR) K (CA) E (CRC) 0 to 1770 -270 to +1370 -270 to +1000 400 to 1770 0 to 1370 0 to 1000 ±4.6 ±1.5 ±0.8 J (IC) T (CC) B (RH) -210 to +1200 -270 to +400 100 to 1820 0 to 1200 0 to 400 700 to 1820 ±1.0 ±1.3 ±7.2 R S C (WRe 5-26) -50 to +1760 -50 to +1760 0 to 2320 400 to 1760 400 to 1760 0 to 2320 ±4.8 ±5.3 ±4.9 N U L P (Platinal II) -270 to +1300 -200 to +600 -200 to +900 0 to 1395 0 to 1300 0 to 600 0 to 900 0 to 1395 ±1.9 ±1.3 ±1.0 ±1.7 Note 1: Measuring accuracy at 50 μV emf. Note 2: CJC error is not included. Table 2-2. Thermocouple Input, Fahrenheit T/C USABLE RABGE (°F) CONFORMANCE RANGE (°F) ACCURACY (°F) (PR) K (CA) E (CRC) 32 to 3218 -454 to +2498 -454 to +1832 752 to 3218 32 to 2498 32 to 1832 ±8.3 ±2.7 ±1.5 J (IC) T (CC) B (RH) -346 to +2192 -454 to +752 212 to 3308 32 to 2192 32 to 752 1292 to 3308 ±1.8 ±2.4 ±13.0 R S C (WRe 5-26) -58 to +3200 -58 to +3200 32 to 4208 752 to 3200 752 to 3200 32 to 4208 ±8.7 ±9.6 ±8.9 N U L P (Platinal II) -454 to +2372 -328 to +1112 -328 to +1652 32 to 2543 32 to 2372 32 to 1112 32 to 1652 32 to 2543 ±3.5 ±2.4 ±1.8 ±3.1 Table 3-1. RTD Input, Celsius RTD USABLE RANGE (°C) ACCURACY at < 0°C at ≥ 0°C Pt 100 (JIS ’97, IEC) -200 to +850 ±0.4°C ±[0.4°C + Measured Value × 0.1%] (±1.3°C at 850°C) Pt 200 -200 to +850 ±0.3°C ±[0.3°C + Measured Value × 0.17%] (±1.8°C at 850°C) Pt 300 -200 to +850 ±[0.4°C + Measured Value × 0.08%] (±0.3°C at -200°C) ±[0.4°C + Measured Value × 0.21%] (±2.2°C at 850°C) Pt 400 -200 to +850 ±[0.4°C + Measured Value × 0.11%] (±0.2°C at -200°C) ±[0.4°C + Measured Value × 0.21%] (±2.2°C at 850°C) Pt 500 -200 to +850 ±[0.4°C + Measured Value × 0.13%] (±0.2°C at -200°C) ±[0.4°C + Measured Value × 0.26%] (±2.6°C at 850°C) Pt 1000 -200 to +850 ±[0.4°C + Measured Value × 0.15%] (±0.1°C at -200°C) ±[0.4°C + Measured Value × 0.4%] (±3.8°C at 850°C) Pt 100 (JIS ’89) -200 to +660 ±0.4°C ±[0.4°C + Measured Value × 0.1%] (±1.1°C at 660°C) JPt 100 (JIS ’89) -200 to +510 ±0.4°C ±[0.4°C + Measured Value × 0.1%] (±1.0°C at 510°C) Pt 50 Ω (JIS ’81) -200 to +649 ±0.5°C at < 160°C, ±[0.4°C + Measured Value × 0.1%] at ≥ 160°C (±1.1°C at 649°C) Ni 100 -80 to +260 ±0.3°C Ni 120 -80 to +260 ±0.3°C Ni 508.4 Ω -50 to +280 ±[0.25°C + Measured Value × 0.06%] (±0.3°C at -50°C, ±0.5°C at 280°C) Ni-Fe 604 -200 to +200 ±0.9°C at -200°C, ±0.6°C at -150°C, ±0.5°C at ±100°C, ±0.7°C at 200°C Cu 10 @ 25°C -50 to +250 ±1.2°C Note 1: The lower the temperature range, the better the accuracy is for Pt 300, Pt 400, Pt 500, Pt 1000 and Ni 508.4 Ω. ‘Measured Value’ in the equations is not an absolute value. Include the minus sign when calculating accuracies. |