Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

73VR2108-E-M2 Arkusz danych(PDF) 8 Page - M-System Co.,Ltd.

Numer części 73VR2108-E-M2
Szczegółowy opis  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSYSTEM [M-System Co.,Ltd.]
Strona internetowa  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2108-E-M2 Arkusz danych(HTML) 8 Page - M-System Co.,Ltd.

Back Button 73VR2108-E-M2 Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 9Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 10Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 11Page - M-System Co.,Ltd. 73VR2108-E-M2 Datasheet HTML 12Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 8/18
https://www.m-system.co.jp/
■ PC Recorder Software: Model MSR128-V6
NORMAL MODE (storing rates ≥ 500 ms)
HIGH SPEED MODE (storing rates 100 / 200 ms)*1
PC
IBM PC/AT or compatible
Operating system
Windows XP SP1, SP2, SP3, Windows Vista Business (32-bit), Windows 7 Professional (32-bit) or
Windows 10 (32-bit, 64-bit)
Note: Proper software functions may not be ensured under certain conditions.
CPU
Pentium III 800 MHz or higher
1 GHz higher for Windows Vista, Windows 7,
Windows 10
Pentium IV 2.0 GHz or higher
Screen area
1024 by 768 pixels or better resolution
Display color
65000 colors (16-bit)
Video memory
2 MB minimum; 4 MB recommended
4 MB minimum
Main memory
256 MB recommended for Windows XP
1 GB recommended for Windows Vista, Windows 7,
Windows 10
512 MB recommended for Windows XP
1 GB recommended for Windows Vista, Windows 7,
Windows 10
Hard disk area
Use an internal hard disk.*
2
Max. approx. 100 MB required per day.
Use an internal hard disk.*
2
Max. approx. 500 MB required per day.
Printer
Use a printer for Windows. The programs use Standard System Fonts used in Windows.
Use a printer driver for Standard System Fonts.
CD drive
Windows supported CD drive is used to install the software program.
Card reader drive
Used with devices which save data in a CF Card
Communication port
RS-232-C port (COM1 through COM5) supported
LAN card
LAN card by Windows
*1. The 73VR1100 or the 73VR21x cannot be used in High Speed Mode.
*2. External (e.g. SCSI) devices may impair appropriate performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com