| Zakładka z wyszukiwarką danych komponentów |
|
47LLC-S352B-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LLC-S352B-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 7 page ![]() MODEL: 47LLC 47LLC SPECIFICATIONS ES-9505 Rev.8 Page 3/7 http://www.m-system.co.jp/ Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Panel flush mounting Weight: 300 g (0.66 lb) PERFORMANCE in percentage of max. span Accuracy Display: ±0.1 % ±1 digit Output: ±0.25 % (DC output = display + output) Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Input resolution: Max. 20 bits Output resolution: Max. 16 bits Response time: ≤ 0.5 sec. (alarm output: 0 – 100 % at 90 % setpoint) ≤ 0.5 sec. (DC output: 0 – 90 %) Excitation: Set value ±250 mV Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (strain gauge input or excitation or contact input or SG to DC output to HH output or H output to L output or LL output to power to ground) EXTERNAL VIEW (4) Max/Min Button (5) Alarm/ Button (6) Scale/ Button (7) Shift Button (8) Up Button (1) Main Display (2) Alarm Indicators (3) Function Indicators Alarm/ Scale/ Max/Min Shift Up Zro HH H P L LL Spn D/P Tch Fnc Min Max • COMPONENT IDENTIFICATION No. COMPONENT FUNCTION (1) Main display Indicates present values, setting values and status of the unit. (2) Alarm indicators Indicate alarm status of the input signal. (3) Function indicators Indicate the status in each setting mode. (4) Max/Min button Used to switch the main display to show the present values, maximum values or minimum values etc. (5) Alarm/ button Used to con rm alarm setting value and to move on to the alarm and other setting modes; or to shift through setting items in each setting mode. (6) Scale/ button Used to move on to the scaling and other setting modes; or to shift through setting items in each setting mode. (7) Shift button Used to move on to the setting standby status of each setting mode and shift through display digits in each setting item. (8) Up button Used to select setting values in each setting mode. Note: Refer to the operating manual for details on each function. |