| Zakładka z wyszukiwarką danych komponentów |
|
47LLC-S352B-R Arkusz danych(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LLC-S352B-R Arkusz danych(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 7 page ![]() MODEL: 47LLC 47LLC SPECIFICATIONS ES-9505 Rev.8 Page 1/7 http://www.m-system.co.jp/ Digital Panel Meters 47 Series STRAIN GAUGE INPUT DIGITAL PANEL METER (4½ digit, LED display type) Functions & Features • 4½ digit strain gauge input digital panel meter • 1/8 DIN size • Moving average function to suppress the display flickering • Scaling, tare adjustment, low-end cutout • Max. and Min. value display • Safety terminal cover tethered to the device with a strap • IP66 front panel • Separable terminal block Alarm/ Scale/ Max/Min Shift Up Zro Spn D/P Tch Fnc Min Max HH H P L LL 48 (1.89) mm (inch) 96 (3.78) 98.5 (3.88) MODEL: 47LLC-[1][2][3][4]-[5][6] ORDERING INFORMATION • Code number: 47LLC-[1][2][3][4]-[5][6] Specify a code from below for each of [1] through [6]. (e.g. 47LLC-S101G-M2/Q) • Specify the specification for option code /Q (e.g. /C01/S01/SET) [1] INPUT STRAIN GAUGE S1: 0.0 – 1.0 mV/V S2: 0.0 – 3.0 mV/V S3: 0.0 – 10.0 mV/V S4: 0.0 – 30.0 mV/V [2] DC OUTPUT 0: Without Current A: 4 – 20 mA DC (Load resistance 550 Ω max.) D: 0 – 20 mA DC (Load resistance 550 Ω max.) Voltage 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) [3] ALARM OUTPUT 0: None 1: N.O. relay contact, 4 points 2: SPDT relay contact, 2 points 3: Photo MOSFET relay, N.O., 4 points [4] DISPLAY COLOR R: Red YR: Orange G: Green BG: Bluegreen B: Blue W: White [5] POWER INPUT AC Power M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) P: 110 V DC (Operational voltage range 85 – 150 V, ripple 10 %p-p max.) [6] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) Moving parts and indicators are not coated. /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel EX-FACTORY SETTING /SET: Preset according to the Ordering Information Sheet (No. ESU-9505) GENERAL SPECIFICATIONS Construction: Panel flush mounting Degree of protection: IP66; applicable to the front of the panel meter mounted according to the specified panel cutout Connection: M3 separable screw terminal (torque 0.6 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (gray) Isolation: Strain gauge input or excitation or contact input or SG to DC output to HH output or H output to L output or LL |
Podobny numer części - 47LLC-S352B-R |
|
Podobny opis - 47LLC-S352B-R |