| Zakładka z wyszukiwarką danych komponentów |
|
R7E-DA16-R Arkusz danych(PDF) 11 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7E-DA16-R Arkusz danych(HTML) 11 Page - M-System Co.,Ltd. |
|
11 / 31 page ![]() MODEL: R7E R7E SPECIFICATIONS ES-7807 Rev.13 Page 11/31 http://www.m-system.co.jp/ NPN TRANSISTOR OUTPUT MODULE, 16 points MODEL: R7E-DC16A SPECIFICATIONS Common: Negative common (NPN) per 16 points Number of I/O: Output, 16 points Maximum outputs applicable at once: No limit (at 24 V DC) Output status indicator: LED turns ON with contact ON Isolation: Output to Ethernet to FG to power input Rated load voltage: 24 V DC ±10 % Rated output current: 0.25 A per point, 2.0 A per common Residual voltage: ≤ 1.2 V Leakage current: ≤ 0.1 mA ON delay: ≤ 0.5 msec. OFF delay: ≤ 1.5 msec. (When driving an inductive load, connect a diode in parallel with the load.) OPERATING MODE SETTING (*) Factory setting Caution ! - SW1-3, 1-5 through 1-8 are unused. Be sure to turn off unused ones. SW1-4 Output at the loss of communication OFF Reset the output (turned off) ON Hold the output (*) (maintains the last data received normally) • Output at the Loss of Communication (SW1-4) • Extension (SW1-1, 1-2) SW1-1 SW1-2 Extension OFF OFF No extension (*) ON OFF Discrete input, 8 or 16 points OFF ON Discrete output, 8 or 16 points TERMINAL ASSIGNMENTS 10 +24V 11 Y1 12 Y3 1 0V 2 Y0 3 Y2 13 Y5 4 Y4 14 Y7 5 Y6 15 Y9 6 Y8 16 YB 7 YA 17 YD 8 YC 9 YE 18 YF NO. ID FUNCTION NO. ID FUNCTION 1 0 V 0 V (common) 10 +24 V 24 V DC 2 Y0 Output 0 11 Y1 Output 1 3 Y2 Output 2 12 Y3 Output 3 4 Y4 Output 4 13 Y5 Output 5 5 Y6 Output 6 14 Y7 Output 7 6 Y8 Output 8 15 Y9 Output 9 7 YA Output 10 16 YB Output 11 8 YC Output 12 17 YD Output 13 9 YE Output 14 18 YF Output 15 CIRCUIT DIAGRAM Note: In order to improve EMC performance, bond the FG terminal to ground. Caution: FG terminal is NOT a protective conductor terminal. 10 1 0V +24V + – 2 Y0 18 YF Output Circuit Control Circuit ■ Output Circuit 10 17 18 1 YD 16 YB 0V YF 15 Y9 14 Y7 13 Y5 12 Y3 11 Y1 9 YE 8 YC 7 YA 6 Y8 5 Y6 4 Y4 3 Y2 +24V Y0 2 ■ Output Connection Example 7 6 0V 24V DC 3 4 1 5 2 FG Isolation Modbus/ TCP RJ-45 CONNECTOR 2 +24V 10 Y0 18 YF 1 0V Control Circuit |