| Zakładka z wyszukiwarką danych komponentów |
|
R7E-DA16-R Arkusz danych(PDF) 27 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7E-DA16-R Arkusz danych(HTML) 27 Page - M-System Co.,Ltd. |
|
27 / 31 page ![]() MODEL: R7E R7E SPECIFICATIONS ES-7807 Rev.13 Page 27/31 http://www.m-system.co.jp/ NPN TRANSISTOR OUTPUT EXTENSION MODULE, 8 points MODEL: R7E-EC8A SPECIFICATIONS Common: Negative common (NPN) per 8 points Number of I/O: Output, 8 points Maximum outputs applicable at once: No limit (at 24 V DC) Output status indicator: LED turns ON with contact ON Isolation: Output to internal circuits Rated load voltage: 24 V DC ±10 % Rated output current: 0.25 A per point, 2.0 A per common Residual voltage: ≤ 1.2 V Leakage current: ≤ 0.1 mA ON delay: ≤ 0.5 msec. OFF delay: ≤ 1.5 msec. (When driving an inductive load, connect a diode in parallel with the load.) TERMINAL ASSIGNMENTS 6 +24 V 7 Y1 8 Y3 1 0 V 2 Y0 3 Y2 9 Y5 4 Y4 10 Y7 5 Y6 NO. ID FUNCTION NO. ID FUNCTION 1 0 V 0 V (common) 6 +24 V 24 V DC 2 Y0 Output 0 7 Y1 Output 1 3 Y2 Output 2 8 Y3 Output 3 4 Y4 Output 4 9 Y5 Output 5 5 Y6 Output 6 10 Y7 Output 7 CIRCUIT DIAGRAM Output Circuit Control Circuit ■ Output Circuit 6 1 0V 10 Y7 9 Y5 8 Y3 7 Y1 5 Y6 4 Y4 3 Y2 +24V Y0 2 2 +24V 6 Y0 10 Y7 1 0V Control Circuit ■ Output Connection Example 6 1 2 Y0 0V +24V + – 10 Y7 |