Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLDPTH Arkusz danych(PDF) 2 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLDPTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Arkusz danych(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25QC800GLDPTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
2
Low Power Consumption
20mA maximum active current
5uA maximum power down current
Software/Hardware Write Protection
3x256-Byte Security Registers with OTP Locks
Discoverable Parameters (SFDP) register
Enable/Disable protection with WP Pin
Write protect all/portion of memory via software
Top or Bottom, Sector or Block selection
Single Supply Voltage
Full voltage range: 2.7~3.6V
Temperature Range
Industrial (-40℃ to 85℃)
Cycling Endurance/Data Retention
Typical 100k Program-Erase cycles on any sector
Typical 20-year data retention at 55℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com