Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLDPTH Arkusz danych(PDF) 1 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLDPTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Arkusz danych(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25QC800GLDPTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
1
Description
The ACE25QC800G is 8M-bit Serial Peripheral Interface(SPI) Flash memory, and supports the
Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (/WP), and I/O3 (/HOLD).
The Dual I/O data is transferred with speed of 240Mbits/s and the Quad I/O & Quad output data is
transferred with speed of 480Mbits/s. The device uses a single low voltage power supply, ranging from 2.7
Volt to 3.6 Volt.
Additionally, the device supports JEDEC standard manufacturer and device ID and three 256-bytes
Security Registers.
In order to meet environmental requirements, offers 8-pin SOP, 8-pin SOP 208mil, 8-pad WSON 6x5-mm,
8-pin 3*2 USON。
Features
Serial Peripheral Interface (SPI)
Standard SPI: SCLK, /CS, SI, SO, /WP, /HOLD
Dual SPI: SCLK, /CS, IO0, IO1, /WP, /HOLD
Quad SPI: SCLK, /CS, IO0, IO1, IO2, IO3
Read
Normal Read (Serial): 55MHz clock rate
Fast Read (Serial): 108MHz clock rate with 30PF load
Dual I/O data transfer up to 216Mbits/S
Quad I/O data transfer up to 432Mbits/S
Continuous Read with 8/16/32/64-byte Wrap
Program
Serial-input Page Program up to 256bytes
Program Suspend and Resume
Erase
Block erase (64/32 KB)
Sector erase (4 KB)
Chip erase
Erase Suspend and Resume
Program/Erase Speed
Page Program time: 0.6ms typical
Sector Erase time: 50ms typical
Block Erase time: 0.15/0.25s typical
Chip Erase time: 4s typical
Flexible Architecture
Sector of 4K-byte
Block of 32/64K-byte


Podobny numer części - ACE25QC800GLDPTH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
128M BIT SPI NOR FLASH
VER 1.1
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC160GLDPTH ACE-ACE25QC160GLDPTH Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC160GLDPUH ACE-ACE25QC160GLDPUH Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC160GLFMLTH ACE-ACE25QC160GLFMLTH Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
More results

Podobny opis - ACE25QC800GLDPTH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
8M BIT SPI NOR FLASH Memory Series
VER 1.1
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
16M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
8M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
8M BIT SPI NOR FLASH
VER 1.1
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
64M BIT SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
2M BIT SPI NOR FLASH
VER 1.2
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
128M BIT SPI NOR FLASH
logo
AiT Semiconductor Inc.
A25D80 AITSEMI-A25D80 Datasheet
2Mb / 34P
MEMORY SPI NOR FLASH 8M BIT
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com