Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC200-12-M2/4 Arkusz danych(PDF) 4 Page - M-System Co.,Ltd.

Numer części SC200-12-M2/4
Szczegółowy opis  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSYSTEM [M-System Co.,Ltd.]
Strona internetowa  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC200-12-M2/4 Arkusz danych(HTML) 4 Page - M-System Co.,Ltd.

  SC200-12-M2/4 Datasheet HTML 1Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 2Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 3Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 4Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 5Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 6Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 7Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 8Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MODEL: SC200
SC200 SPECIFICATIONS
ES-6338 Rev.17 Page 4/12
http://www.m-system.co.jp/
ON voltage/resistance: ≤ 2.25 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11.25 V ≥ 15 kΩ
■ Pi6: Dry contact
(Di6 is assigned to the same terminal.)
Maximum frequency: 10 kHz
Minimum pulse width: 0.05 msec.
Common: Negative common
Sensing: Approx. 12 V DC, 12 mA
ON voltage/resistance: ≤ 2 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11 V, ≥ 15 kΩ
Excitation: 12 V DC ±10%, 15 mA
Current limiting circuit: Approx. 30 mA
■ Di1, Di2, Di3, Di4, Di5: Dry contact
(Pi1 through Pi5 are assigned to the same terminals
respectively.)
Common: Negative common per 5 points
Sensing: Approx. 12 V DC, 6 mA
ON voltage/resistance: ≤ 2.25 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11.25 V ≥ 15 kΩ
■ Di6: Dry contact
(Pi6 is assigned to the same terminal.)
Common: Negative common
Sensing: Approx. 12 V DC, 12 mA
ON voltage/resistance: ≤ 2 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11 V, ≥ 15 kΩ
[Table 1 (Thermocouple input)]
T/C
USABLE
RANGE (°C)
CONFORMANCE
RANGE (°C)
K (CA)
-272 to +1472
-150 to +1370
E (CRC)
-272 to +1100
-170 to +1000
J (IC)
-260 to +1300
-180 to +1200
T (CC)
-272 to
+500
-170 to +400
B (RH)
24 to
1920
1000 to 1760
R
-100 to +1860
380 to 1760
S
-100 to +1860
400 to 1760
C (WRe 5-26)
-52 to +2416
100 to 2315
N
-272 to +1400
-130 to +1300
U
-252 to
+700
-200 to +600
L
-252 to +1000
-200 to +900
P (Platinel II)
-52 to +1496
0 to 1395
(PR)
-52 to +1860
300 to 1760
Overrange input (out of the usable range) is handled as burnout.
[Table 2 (RTD input)]
RTD
USABLE
RANGE (°C)
CONFORMANCE
RANGE (°C)
Pt 100 (JIS ’97, IEC)
-240 to +900
-200 to +850
Pt 100 (JIS ’89)
-240 to +900
-200 to +660
JPt 100 (JIS ’89)
-236 to +560
-200 to +510
Pt 50Ω (JIS ’81)
-236 to +700
-200 to +649
Ni 100
-100 to +252
-80 to +250
Overrange input (out of the usable range) is handled as burnout.
OUTPUT SPECIFICATIONS
■ Mv1, Mv2
∙Current output: 4 – 20 mA DC
Load resistance: ≤ 600 Ω
■ Ao1, Ao2
∙Voltage output: 1 – 5 V DC
Load resistance: ≥ 10 kΩ
■ Discrete Output
∙Do1, Do2, Do3, Do4, Do5, RUN contact (Do6): Relay
contact
Rated load: 250 V AC @1 A (cos ø = 1)
30 V DC @1 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 60 W
Minimum load: 5 V DC @10 mA
Mechanical life: 2 × 107 cycles
∙Do1, Do2, Do3, Do4, Do5: Photo MOSFET relay
Rating: 200 V AC/DC @0.5 A (resistive load)
ON resistance: 2.1 Ω
Maximum frequency: 4 Hz @24 V, 10 mA
ON delay time: ≤ 5.0 msec.
OFF delay time: ≤ 3.0 msec.
INSTALLATION
Power input
∙AC:
≤ 25 VA at 100 V AC
≤ 40 VA at 240 V AC
•DC: ≤ 650 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 5 to 90 %RH (non-condensing)
Mounting: Panel flush mounting (high-density mounting in
horizontal direction)
Weight:
Approx. 1.8 kg (3.97 lb) for 250 mm depth type
Approx. 2.0 kg (4.41 lb) for 300 mm depth type
Approx. 2.5 kg (5.51 lb) for 400 mm depth type
PERFORMANCE
Accuracy
DC input: ±0.1 % ±1 digit
Thermocouple input: ±1℃ ±1 digit
±2℃ ±1 digit for B, R, S, C and PR
RTD input: ±1℃ ±1 digit
Potentiometer input: ±0.2 % ±1 digit
DC output: ±0.1 %
Precision resistor module (REM4): ±0.1 %
Cold junction compensation:
±2°C at 25°C ±10°C
±4°C for S, R and PR
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com