Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC200-12-M2/4 Arkusz danych(PDF) 2 Page - M-System Co.,Ltd.

Numer części SC200-12-M2/4
Szczegółowy opis  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSYSTEM [M-System Co.,Ltd.]
Strona internetowa  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC200-12-M2/4 Arkusz danych(HTML) 2 Page - M-System Co.,Ltd.

  SC200-12-M2/4 Datasheet HTML 1Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 2Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 3Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 4Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 5Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 6Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 7Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 8Page - M-System Co.,Ltd. SC200-12-M2/4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MODEL: SC200
SC200 SPECIFICATIONS
ES-6338 Rev.17 Page 2/12
http://www.m-system.co.jp/
saving and transfer with PC Configurator Software (model:
SCCFG)
• Control and supervision by SCADA software via Modbus
TCP/IP or RTU communication
• Selectable housing depth for ease of using existing wires
in replacement: 250 mm, 300 mm and 400 mm
• Separable terminal block
Typical Applications
• Replacement of conventional controllers
• Panel operation for small-scale instrumentation
RELATED PRODUCTS
• PC Configurator cable (model: COP-US)
• Loop configuration builder software (model: SFEW3E Ver.
1.40 or later)
• Infrared communication adaptor (model: COP-IRDA)
• PC configurator software (model: SCCFG Ver.1.50 or later)
Builder software and configurator software are
downloadable at M-System’s web site.
ACCESSORIES
• Precision resistor module (model: REM4): 2
• Cold junction sensor: 2
• Mounting brackets: 2
• Connector adapter: 1
(included in Stereo jack type. The jack on the unit and the
plug of PC Configurator cable (not included in the product)
are different in size.)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP55; ensured for the front panel of
the unit independently mounted to a panel
Connection
Terminal screws: M3.5 screw terminals (torque 1.0 N·m)
Terminal fixing screws: M4 screw terminals
(torque 1.2 N·m)
Ethernet: RJ-45 Modular Jack
Screw terminal
Terminal screws: Nickel-plated steel (standard) or stainless
steel
Terminal fixing screws: Chrome-plated steel
Housing material: Flame-resistant resin (gray), steel
Isolation: Pv1 to Pv2 to supply output to Ai1 or Ai2 or Ai3 or
Ai4 to Di1 or Di2 or Di3 or Di4 or Di5 or Pi1 or Pi2 or Pi3 or
Pi4 or Pi5 to Di6 or Pi6 to Mv1 to Mv2 to Ao1 or Ao2 to Do1
to Do2 to Do3 to Do4 to Do5 to Do6 to NestBus to Modbus-
RTU to Modbus/TCP to power to FG
PID control: Single loop, cascade, advanced
Proportional band (P): 1 to 1000 %
Integral time (I): 0.01 to 100 minutes
Derivative time (D): 0.01 to 10 minutes
Auto-tuning: Limit cycle method
Alarm: PV high & low, deviation, rate of change
Computation: 48 functions blocks available for arithmetic
operations, time functions, signal selection, limit, alarm and
other functions
Sequence operation: Logic sequence and step sequence
(max. 1068 commands)
Computation cycle: 50 msec. to 3 sec. (control cycle
selectable among 1, 2, 4, 8, 16, 32 and 64 times of the
computation cycle)
MV output range: -15 - +115 %
Parameter setting: With touch panel or PC (Loop
Configuration Builder Software model: SFEW3E)
Self diagnostics: CPU monitoring with a watchdog timer
RUN contact: OFF in error detected by diagnostic (including
NestBus)
Infrared communication: Transmission distance max. 0.2
meter (for use with the COP-IRDA)
Short trend
Storing interval: 1, 2, 5, 10, 20, 30 sec.,
1, 2, 5, 10, 30, 60 min.
Capacity: 400 points (display 200 points)
■ Display
Display device: 4.3-inch TFT LCD
Display colors: 256
Resolution: 480 × 272 pixels
Pixel pitch: 0.198 × 0.198 mm (128 × 128 DPI)
Backlight: LED
Backlight life: Approx. 50 000 hours (at 50 % brightness)
Note: The backlight can be replaced in M-System factory.
The LCD must be replaced at the same time.
Screen saver standby time: 1 to 99 minutes
Scaling range: -32000 to +32000
Decimal point position: 10-1, 10-2, 10-3, 10-4, 10-5 or none
Scale divisions: 2 to 10
Engineering unit indication: Max. 8 characters
Auto/Man indicator: Green/Amber LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com