Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AT25SL321 Arkusz danych(PDF) 66 Page - Dialog Semiconductor

Numer części AT25SL321
Szczegółowy opis  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Arkusz danych(HTML) 66 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 62Page - Dialog Semiconductor AT25SL321 Datasheet HTML 63Page - Dialog Semiconductor AT25SL321 Datasheet HTML 64Page - Dialog Semiconductor AT25SL321 Datasheet HTML 65Page - Dialog Semiconductor AT25SL321 Datasheet HTML 66Page - Dialog Semiconductor AT25SL321 Datasheet HTML 67Page - Dialog Semiconductor AT25SL321 Datasheet HTML 68Page - Dialog Semiconductor AT25SL321 Datasheet HTML 69Page - Dialog Semiconductor AT25SL321 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
65
AT25SL321
DS-25SL321–112H–2020-10
8.37 Enter Secured OTP (B1h)
The Enter Secured OTP instruction is for entering the additional 4 kbit secured OTP mode. The additional 4 kbit
secured OTP is independent from main array, which can be used to store unique serial number for system
identifier. After entering the Secured OTP mode, and then follow standard read or program, procedure to read out
the data or update data. The Secured OTP data cannot be updated again once it is lock-down
Please note that Write Status Register-1, Write Status Register-2 and Write Security Register instructions are not
acceptable during the access of secure OTP region. Once security OTP is lock down, only commands related with
read are valid. The Enter Secured OTP instruction sequence is shown in Figure 8-59.
Figure 8-59. Enter Secured OTP Instruction for SPI Mode (left) and QPI Mode (right)
8.38 Exit Secured OTP (C1h)
The Exit Secured OTP instruction is for exiting the additional 4 kbit secured OTP mode. See
Figure 8-60.
Figure 8-60. Exit Secured OTP instruction for SPI Mode (left) and QPI Mode (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82