Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

20D331K Arkusz danych(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części 20D331K
Szczegółowy opis  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20D331K Arkusz danych(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20D331K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D331K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D331K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D331K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Varistor>20D180~182KJ Series
Metal Oxide Varistors
General Characteristics
No Radioactive Material
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +85ºC
Body: Nickel Plated
Leads: Surface-mount, Axial Devices: Tin Plated
Devices with No Leads: Nickel Plated
Packaging Information
Part Numbering System
Example Part Number: RL20D471KJ
RL = LOGO
20D=Dise Diameter
471 =V1mA(V) of 470V
K = Tolerance k:+_10%
J= High Surge
Part Number
Component
package
Quantity
Packaging Option Packaging Specification
20D
20.0
150
BOX
4



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com