Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

20D331K Arkusz danych(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części 20D331K
Szczegółowy opis  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20D331K Arkusz danych(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20D331K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D331K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D331K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D331K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
d
K<3.0
D1
D1
H1
L1
d1
K<3.0
Unit:mm
Package Dimensions
• Transistor, diode, IC, thyristor or triac semiconductor protection.
• Surge protection in consumer electronics.
• Surge protection in industrial electronics.
• Surge protection in electronic home appliances, gas and
petroleum appliances.
• Relay and electromagnetic valve surge absorption.
• Wide operating voltage (V1mA) range from 8V to 1800V.
• Fast responding to transient over-voltage.
• Large absorbing transient energy capability.
• Low clamping ratio and no following-on current.
Applications
Features
Varistor>20D180~182KJ Series
Metal Oxide Varistors
TABLE 2
Model
T(max.)
Model
T(max.)
180K
4.8
301K
5.8
220K
4.9
331K
6.0
270K
5.0
361K
6.2
330K
5.2
391K
6.5
390K
5.5
431K
6.7
470K
5.6
471K
6.9
560K
5.7
511K
7.0
680K
5.08
561K
7.2
820K
4.9
621K
7.5
101K
5.1
681K
8.2
121K
5.3
751K
5.3
151K
5.6
781K
8.5
181K
5.0
821K
9.0
201K
5.2
911K
9.5
221K
5.3
102K
10.1
241K
5.4
112K
10.6
271K
5.6
182K
13.2
301k
5.7
-
-
TABLE 1
Symbol
Dimensions
H(max.)
26.5
H1(max.)
28.0
L(min.)
20.0
L1(min.)
15.0
D(max.)
23.0
D1(±0.8)
7.5+0.8/10.0+1.0
T(max.)
TABLE 2
d(±0.05)
0.8
d1(±0.4)
1.4


Podobny numer części - 20D331K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
20D331K ETC-20D331K Datasheet
61Kb / 5P
VARISTOR
20D331K ETC-20D331K Datasheet
71Kb / 5P
VARISTOR
logo
World Produts Inc.
20D331K WPI-20D331K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
Socay Electornics Co., ...
20D331K SOCAY-20D331K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
Ruilongyuan Electronics...
20D331K RUILON-20D331K Datasheet
769Kb / 7P
Metal Oxide Varistors
More results

Podobny opis - 20D331K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com