Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMD-751AC Arkusz danych(PDF) 11 Page - Advanced Micro Devices

Numer części AMD-751AC
Szczegółowy opis  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751AC Arkusz danych(HTML) 11 Page - Advanced Micro Devices

Back Button AMD-751AC Datasheet HTML 6Page - Advanced Micro Devices AMD-751AC Datasheet HTML 7Page - Advanced Micro Devices AMD-751AC Datasheet HTML 8Page - Advanced Micro Devices AMD-751AC Datasheet HTML 9Page - Advanced Micro Devices AMD-751AC Datasheet HTML 10Page - Advanced Micro Devices AMD-751AC Datasheet HTML 11Page - Advanced Micro Devices AMD-751AC Datasheet HTML 12Page - Advanced Micro Devices AMD-751AC Datasheet HTML 13Page - Advanced Micro Devices AMD-751AC Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
9
22564B-1—February 2000
AMD-751™ System Controller Revision Guide
Preliminary Information
19
Setting the Queue Bypass-Mode Bit Causes Memory Failure
Products Affected. C5
Description. A memory failure may occur if queue bypass mode is enabled.
Potential Effect on System. Memory failure, which causes a system error.
Suggested Workaround. Do not set the queue bypass-mode bit.
Resolution Status. Fixed in a future revision of the AMD-751.
20
AGP AD_STB[1:0] Strobe Glitch with Nvidia NV10-Based (GeForce) Cards
Products Affected. All revisions (C3 and C5)
Description. The AMD-751 system controller’s AD_STB[1:0] signals may experience noise due to strong
drive strengths. This noise may result in signal glitches, causing incorrect information to be strobed
into the AGP adapter.
Potential Effect on System. System hangs.
Suggested Workaround. The issue can be alleviated by forcing the AGP subsystem into AGP 1X Mode. A
driver update is available from Nvidia that performs this task by changing the system registry.
Performance will decrease when enabling the lower speed AGP mode. To obtain this driver, go to the
www.nvidia.com website, and follow the driver update links from the home page.
Please contact your AMD Specialist for details.
Resolution Status. Fixed in a future revision of the AMD-751 system controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14