Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMD-751AC Arkusz danych(PDF) 12 Page - Advanced Micro Devices

Numer części AMD-751AC
Szczegółowy opis  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751AC Arkusz danych(HTML) 12 Page - Advanced Micro Devices

Back Button AMD-751AC Datasheet HTML 6Page - Advanced Micro Devices AMD-751AC Datasheet HTML 7Page - Advanced Micro Devices AMD-751AC Datasheet HTML 8Page - Advanced Micro Devices AMD-751AC Datasheet HTML 9Page - Advanced Micro Devices AMD-751AC Datasheet HTML 10Page - Advanced Micro Devices AMD-751AC Datasheet HTML 11Page - Advanced Micro Devices AMD-751AC Datasheet HTML 12Page - Advanced Micro Devices AMD-751AC Datasheet HTML 13Page - Advanced Micro Devices AMD-751AC Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
10
AMD-751™ System Controller Revision Guide
22564B-1—February 2000
Preliminary Information
21
Potential Memory Failure When Using Certain Double-Sided SDRAM
Memory DIMMs
Products Affected. C3 and C5
Description. Under certain SDRAM double-sided DIMM loading conditions, systems based on the the
AMD-751 system controller can experience reduced timing margins, resulting in memory failures
during memory cycles.
This condition only occurs when using specific double-sided DIMMs with combinations of the following
characteristics:
1.
Printed Wiring Board (PWB) designed around the Intel LC_12_112 Gerber.
2.
Memory ICs with lower VIL input thresholds.
Potential Effect on System. Unstable system.
Suggested Workarounds.
1.
Vendors should use memory DIMMs only from an approved vendor list (AVL). DIMMs
from this list have been extensively tested on AMD-751 based platforms and qualified for
usage. Please consult your OEM or AMD specialist for details.
2.
Vendors developing new AMD-751 based motherboards should implement pulldown
resistors on the MAA[14:0] and MAB[14:0] address buses. Use of this termination
method will improve the timing margins. Please consult your OEM or AMD specialist for
specific values.
Resolution Status. All future motherboards should be implemented with the suggested termination
method
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14