| Zakładka z wyszukiwarką danych komponentów |
|
HCS08 Arkusz danych(PDF) 179 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Arkusz danych(HTML) 179 Page - NXP Semiconductors |
|
179 / 316 page ![]() MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 179 Chapter 12 Modulo Timer (S08MTIMV1) 12.1 Introduction The MTIM is a simple 8-bit timer with several software selectable clock sources and a programmable interrupt. The central component of the MTIM is the 8-bit counter, which can operate as a free-running counter or a modulo counter. A timer overflow interrupt can be enabled to generate periodic interrupts for time-based software loops. Figure 12-1 shows the MC9S08SG8 block diagram with the MTIM module highlighted. 12.1.1 MTIM Configuration Information The external clock for the MTIM module, TCLK, is selected by setting CLKS = 1:1 or 1:0 in MTIMCLK, which selects the TCLK pin input. The TCLK input on PTA0 can be enabled as external clock inputs to both MTIM and TPM modules simultaneously. |