| Zakładka z wyszukiwarką danych komponentów |
|
HCS08 Arkusz danych(PDF) 183 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Arkusz danych(HTML) 183 Page - NXP Semiconductors |
|
183 / 316 page ![]() Modulo Timer (S08MTIMV1) MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 183 12.3 Register Definition Figure 12-3 is a summary of MTIM registers. Each MTIM includes four registers: • An 8-bit status and control register • An 8-bit clock configuration register • An 8-bit counter register • An 8-bit modulo register Refer to the direct-page register summary in the Memory chapter of this data sheet for the absolute address assignments for all MTIM registers.This section refers to registers and control bits only by their names and relative address offsets. Some MCUs may have more than one MTIM, so register names include placeholder characters to identify which MTIM is being referenced. Name 765 4 3 2 1 0 MTIMSC RTOF TOIE 0 TSTP 00 00 W TRST MTIMCLK R0 0 CLKS PS W MTIMCNT RCOUNT W MTIMMOD R MOD W Figure 12-3. MTIM Register Summary |