| Zakładka z wyszukiwarką danych komponentów |
|
HCS08 Arkusz danych(PDF) 186 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Arkusz danych(HTML) 186 Page - NXP Semiconductors |
|
186 / 316 page ![]() Modulo Timer (S08MTIMV1) MC9S08SG8 MCU Series Data Sheet, Rev. 8 186 Freescale Semiconductor 12.3.3 MTIM Counter Register (MTIMCNT) MTIM CNT is the read-only value of the current MTIM count of the 8-bit counter. 12.3.4 MTIM Modulo Register (MTIMMOD) 7 6 5 432 1 0 R COUNT W Reset: 0 0 0 0 0 0 0 0 Figure 12-6. MTIM Counter Register Table 12-4. MTIM Counter Register Field Description Field Description 7:0 COUNT MTIM Count — These eight read-only bits contain the current value of the 8-bit counter. Writes have no effect to this register. Reset clears the count to $00. 7 6 5 432 1 0 R MOD W Reset: 0 0 0 0 0 0 0 0 Figure 12-7. MTIM Modulo Register Table 12-5. MTIM Modulo Register Field Descriptions Field Description 7:0 MOD MTIM Modulo — These eight read/write bits contain the modulo value used to reset the count and set TOF. A value of $00 puts the MTIM in free-running mode. Writing to MTIMMOD resets the COUNT to $00 and clears TOF. Reset sets the modulo to $00. |