| Zakładka z wyszukiwarką danych komponentów |
|
MIC33M350YMP-TR Arkusz danych(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC33M350YMP-TR Arkusz danych(HTML) 6 Page - Microchip Technology |
|
6 / 32 page ![]() MIC33M350 DS20006348B-page 6 2020-2021 Microchip Technology Inc. ELECTRICAL CHARACTERISTICS (1) Electrical Specifications: Unless otherwise specified, PVIN =5V; VOUT = 1.0V, COUT = 47 µF, TA = +25°C. Boldface values indicate -40°C TJ +125°C. Parameter Symbol Min. Typ. Max. Units Test Conditions VIN Supply Input Range PVIN 2.4 — 5.5 V Undervoltage Lockout Threshold UVLO 2.15 2.225 2.35 VSVIN rising Undervoltage Lockout Hysteresis UVLO_H — 153 — V SVIN falling (Note 3) Operating Supply Current IIN0 —60 100 µA VFB =1.2V, non-switching Shutdown Current ISHDN —1.5 10 µA VEN = 0V, PVIN = SVIN = 5.5V, -40°C TJ +105°C 20 µA VEN = 0V, PVIN = SVIN = 5.5V, -40°C TJ +125°C Output Voltage Output Accuracy VOUT_ACC 0.5910 0.6 0.6090 VVSEL2 = 0; VSEL1 = 0 0.7880 0.8 0.8120 VVSEL2 = 0; VSEL1 = Z 0.8865 0.9 0.9135 VVSEL2 = 0; VSEL1 = 1 0.9850 1 1.0150 VVSEL2 = Z; VSEL1 = 0 1.1820 1.2 1.2180 VVSEL2 = Z; VSEL1 = Z 1.4775 1.5 1.5225 VVSEL2 = Z; VSEL1 = 1 1.7730 1.8 1.8270 VVSEL2 = 1; VSEL1 = 0 2.4625 2.5 2.5375 VVSEL2 = 1; VSEL1 = Z 3.2505 3.3 3.3495 VVSEL2 = 1; VSEL1 = 1 Line Regulation — 0.03 — %VOUT = 1.0V, VIN = 2.5V to 5.5V, IOUT = 300 mA (Note 3) Load Regulation — 0.1 — %VOUT = 1.0V, IOUT = 0A to 3A (Note 3) Enable Control EN Logic Level High VEN_H 1.2 —V VEN rising, regulator enabled EN Logic Level Low VEN_L —— 0.4 VVEN falling, regulator shutdown EN Low Input Current IEN_L — 0.01 500 nA VEN = 0V EN High Input Current IEN_H — 0.01 500 nA VEN = 5.5V Enable Lockout Delay 0.15 0.25 0.4 ms VSEL Logic Level Control VSEL1,2 Logic Level High VSEL_H 1.2 — — V VSEL1,2 rising, regulator enabled VSEL1,2 Logic Level Low VSEL_L —0.4 V VSEL1,2 falling, regulator shutdown VSEL1,2 Logic Level Open VSEL_O —0.8 — V VSEL1,2 falling, regulator shutdown (Note 3) VSEL1,2 Low Input Current IVSEL_L -1 0.01 1 µA VSEL1,2 = 0V VSEL1,2 High Input Current IVSEL_H -1 0.01 1 µA VSEL1,2 = 5.5V Note 1: Specification for packaged product only. 2: Tested in open loop. The closed-loop current limit is affected by the inductance value. 3: Not production tested, data from bench characterization only |