Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN80L32RMS Arkusz danych(PDF) 3 Page - Panasonic Semiconductor

Numer części AN80L32RMS
Szczegółowy opis  Low-drop type positive output voltage regulator IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80L32RMS Arkusz danych(HTML) 3 Page - Panasonic Semiconductor

  AN80L32RMS Datasheet HTML 1Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 2Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 3Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 4Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 5Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 6Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 7Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 8Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Voltage Regulators
AN80LXXRMS Series
3
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage *
1
VCC
14.6
V
Supply current
ICC
300
mA
Power dissipation *
3
PD
78
mW
Operating ambient temperature *
2
Topr
−30 to +85
°C
Storage temperature *
2
Tstg
−55 to +150
°C
Note) *1 : There may be a case of the device destruction when the output (VOUT) and the grounding (GND), or the output (VOUT) and
input (VIN) are short-circuited.
*2 : All items are at Ta = 25°C, except for the parameter of operating ambient temperature and storage temperature.
*3 : Topr = Power dissipation for IC alone without heat sink at + 85°C.
Pin No.
Description
1
Input voltage pin
2
Output voltage pin
3
N.C. pin
4
Grounding pin
5
Control pin
("High"
→ operation "Low" → stop)
Common to the AN80LXXRMS Series
s Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com