Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN80L32RMS Arkusz danych(PDF) 21 Page - Panasonic Semiconductor

Numer części AN80L32RMS
Szczegółowy opis  Low-drop type positive output voltage regulator IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80L32RMS Arkusz danych(HTML) 21 Page - Panasonic Semiconductor

Back Button AN80L32RMS Datasheet HTML 17Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 18Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 19Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 20Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 21Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 22Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 23Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 24Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 25Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Voltage Regulators
AN80LXXRMS Series
21
Parameter
Symbol
Range
Unit
Supply voltage
VCC
5.4 to 14.5
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VIN = 6.0 V, IOUT = 50 mA
4.850
5.0
5.150
V
Input stability 1
REGIN1
VIN = 6.0 V → 14.5 V, IOUT = 50 mA
10
50
mV
Input stability 2
REGIN2
VIN = 6.0 V → 9 V, IOUT = 50 mA
520
mV
Load stability *
1
REGLOA
VIN = 6.0 V, IOUT = 0 mA → 150 mA
50
150
mV
Peak output current *
2
IPEAK
VIN = 6.0 V, The output current value
180
240
mA
decreases by 5% from the value
when VOUT is at IOUT = 50 mA.
Bias current without load
IBIAS
VIN = 6.0 V, IOUT = 0 mA

350
µA
Bias current fluctuation with load
∆I
BIAS
VIN = 6.0 V, IOUT = 0 mA → 150 mA

5mA
Standby consumption current
ISTB
VIN = 10 V, VCONT = 0 V

0.1
µA
Bias current before starting
IRUSH
VIN = 4.7 V, IOUT = 0 mA
1.5
5mA
regulation
Ripple rejection ratio
R.R.
1 Vrms, f = 120 Hz, IOUT = 10 mA
56
64
dB
Minimum input and
VDIF(min)1
VIN = 4.7 V, IOUT = 0 mA
0.1
0.2
V
output voltage difference 1
Minimum input and
VDIF(min)2
VIN = 5.1 V, IOUT = 150 mA

0.4
V
output voltage difference 2
Control terminal threshold high voltage VCONTH
VIN = 6.0 V, IOUT = 50 mA

1.50
V
Control terminal threshold high voltage VCONTH
VIN = 6.0 V, IOUT = 50 mA
0.30

V
Control terminal current
ICONT
VIN = 6.0 V, IOUT = 50 mA

30
µA
VCONT = 1.8 V
• Design reference data
Note) The following values are typical and not guaranteed values.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output noise voltage
VNO
10Hz
≤ f ≤ 100kHz, I
OUT = 10 mA
104
µV
Output voltage temperature
1
・
dVOUT
VIN = 6.0 V, IOUT = 0 mA
90
ppm/
°C
coefficient
VOUT dT
− 30°C ≤ T
a ≤ + 85°C
Output rise time
tON
VIN = 6.0 V, IOUT = 50 mA
0.20
ms
VCONT = 0 V → 1.8 V, CIN = 0.1 µF
COUT = 10 µF, VOUT = 90%
Note) *1 : 1.0 Ω
*2 : Peak output current : The output current when the output voltage has been decreased by 5% from the value at the time
of the output current is 50 mA due to the overcurrent protection.
s Electrical Characteristics at T
a = 25°C
Note) Unless otherwise specially provided, shorten each test time (within 10 ms) so that the test is conducted under the condition
that the drift due to the temperature increase in the chip junction part can be neglected. CIN = 0.1 µF, COUT = 10 µF
s Recommended Operating Range
AN80L50RMS (5.0 V)
Note) *1 : Refer to s Technical Information " • Output rise time characteristics".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com