| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 93 Page - STMicroelectronics |
|
93 / 236 page ![]() Table 22. Current consumption in Run and Low-power run modes, code with data processing running from Flash in dual bank, ART enable (Cache ON Prefetch OFF) Symbol Parameter Conditions fHCLK TYP MAX(1) Unit - Voltage scaling 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C IDD (Run) Supply current in Run mode fHCLK = fHSE up to 48MHz included, bypass mode PLL ON above 48 MHz all peripherals disable Range 2 26 MHz 3.70 3.9 4.45 5.15 6.45 4.10 4.60 6.50 8.50 13.00 mA 16 MHz 2.35 2.55 3.1 3.85 5.15 2.70 3.20 5.20 7.10 11.00 8 MHz 1.25 1.5 2.05 2.8 4.15 1.60 2.10 4.10 6.00 9.90 4 MHz 0.75 0.97 1.5 2.3 3.6 0.94 1.60 3.50 5.40 9.30 2 MHz 0.47 0.7 1.25 2.05 3.35 0.65 1.30 3.20 5.10 9.00 1 MHz 0.34 0.56 1.1 1.9 3.2 0.51 1.10 3.00 5.00 8.90 100 KHz 0.22 0.44 0.975 1.8 3.1 0.38 0.95 2.90 4.80 8.70 Range 1 Boost mode 170 MHz 29.50 30 31 32 34.5 30.00 31.00 34.00 36.00 42.00 Range 1 150 MHz 24.50 24.5 25.5 26.5 28.5 25.00 26.00 28.00 30.00 35.00 120 MHz 19.50 20 20.5 22 23.5 20.00 21.00 23.00 26.00 31.00 80 MHz 13.00 13.5 14.5 15.5 17 14.00 14.00 17.00 19.00 24.00 72 MHz 12.00 12.5 13 14 15.5 13.00 13.00 16.00 18.00 23.00 64 MHz 10.50 11 11.5 13 14.5 11.00 12.00 14.00 17.00 22.00 48 MHz 7.95 8.3 9 10 11.5 8.50 9.10 12.00 15.00 20.00 32 MHz 5.40 5.7 6.45 7.25 8.9 5.80 6.50 9.10 12.00 17.00 24 MHz 4.10 4.4 5.1 6 7.65 4.50 5.30 7.80 11.00 16.00 16 MHz 2.85 3.15 3.8 4.75 6.35 3.20 4.00 6.50 8.90 14.00 |