| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 236 page ![]() Description STM32G474xB STM32G474xC STM32G474xE 16/236 DS12288 Rev 4 GPIOs Wakeup pins 38 in LQFP48 42 in UFQFPN48 3 52 4 67 in WLCSP81 66 in LQFP80 4 86 5 102 5 107 5 12-bit ADCs Number of channels 5 20 in LQFP48 21 in UFQFPN48 26 42 in WLCSP81 41 in LQFP80 42 42 42 12-bit DAC Number of channels 4 7 (3 external + 4 internal) Internal voltage reference buffer Yes PWM channels (all) 33 41 42 48 48 48 PWM channels (except complementary) 28 30 32 33 33 33 Analog comparator 7 Operational amplifiers 6 Max. CPU frequency 170 MHz Operating voltage 1.71 V to 3.6 V Operating temperature Ambient operating temperature: -40 to 85 °C /-40 to 125 °C Packages LQFP48/ UFQFPN48 LQFP64 WLCSP81 LQFP80 LQFP100/ TFBGA100 UFBGA121 LQFP128 1. For the LQFP100 package, only FMC bank1 and NAND bank are available. Bank1 can only support a multiplexed NOR/PSRAM memory using the NE1 chip select. 2. For the UFBGA121 package, only FMC bank1/bank4 and NAND bank are available. Bank1/Bank4 can only support a multiplexed NOR/PSRAM memory using the NE1/NE4 chip select. 3. The SPI2/3 interfaces can work in an exclusive way in either the SPI mode or the I2S audio mode. Table 2. STM32G474xB/xC/xE features and peripheral counts (continued) Peripheral |