| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 178 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 178 Page - STMicroelectronics |
|
178 / 236 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 178/236 DS12288 Rev 4 SAI characteristics Unless otherwise specified, the parameters given in Table 91 for SAI are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage condi- tions summarized inTable 17: General operating conditions, with the following configuration: • Output speed is set to OSPEEDRy[1:0] = 10 • Capacitive load C = 30 pF • Measurement points are done at CMOS levels: 0.5 x VDD Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate function characteristics (CK,SD,FS). |