| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 199 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 199 Page - STMicroelectronics |
|
199 / 236 page ![]() DS12288 Rev 4 199/236 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 5.3.29 QUADSPI characteristics Unless otherwise specified, the parameters given in Table 108 and Table 109 for Quad SPI are derived from tests performed under the ambient temperature, fAHB frequency and VDD supply voltage conditions summarized in Table 17: General operating conditions, with the following configuration: • Output speed is set to OSPEEDRy[1:0] = 11 • Capacitive load C = 15 or 20 pF • Measurement points are done at CMOS levels: 0.5 ₓ VDD Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate function characteristics. Table 108. Quad SPI characteristics in SDR mode(1) Symbol Parameter Conditions Min Typ Max Unit F(QCK) Quad SPI clock frequency 1.71 < VDD< 3.6 V, CLOAD = 15 pF Voltage Range 1 -- 50 MHz 1.71 < VDD< 3.6 V, CLOAD = 20 pF Voltage Range 2 -- 110 tw(CKH) Quad SPI clock high and low time Even division PRESCALER [7:0] n =0,1, 3, 5 ... t(CK)/2-0.5 - t(CK)/2+1 ns tw(CKL) t(CK)/2-1 - t(CK)/2+0.5 tw(CKH) Quad SPI clock high and low time Odd division PRESCALER [7:0] n =2,4, 6, 8... (n/2)*t(CK)/(n+1) - 0.5 - (n/2)*t(CK)/(n+1) + 1 tw(CKL) (n/2+1)*t(CK)/(n+1) - 1 - (n/2+1)*t(CK)/(n+1) +0.5 ts(IN) Data input setup time 1.71 < VDD< 3.6 V 1 - - th(IN) Data input hold time 1.71 < VDD< 3.6 V 5 - - tv(OUT) Data output valid time 1.71 < VDD< 3.6 V - 1 1.5 th(OUT) Data output hold time 1.71 < VDD< 3.6 V 0.5 - - 1. Guaranteed by characterization results. Table 109. QUADSPI characteristics in DDR mode(1) Symbol Parameter Conditions Min Typ Max Unit F(QCK) Quad SPI clock frequency 1.71 < VDD< 3.6 V, CLOAD = 15 pF Voltage Range 1 -- 50 MHz 1.71 < VDD< 3.6 V, CLOAD = 20 pF Voltage Range 2 -- 70 |