Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM124AE Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM124AE
Szczegółowy opis  Low Power Quad Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124AE Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button LM124AE Datasheet HTML 2Page - National Semiconductor (TI) LM124AE Datasheet HTML 3Page - National Semiconductor (TI) LM124AE Datasheet HTML 4Page - National Semiconductor (TI) LM124AE Datasheet HTML 5Page - National Semiconductor (TI) LM124AE Datasheet HTML 6Page - National Semiconductor (TI) LM124AE Datasheet HTML 7Page - National Semiconductor (TI) LM124AE Datasheet HTML 8Page - National Semiconductor (TI) LM124AE Datasheet HTML 9Page - National Semiconductor (TI) LM124AE Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LM124A 883 DC Electrical Characteristics
(The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device
ground.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Icc
Power Supply Current V+ = 5V
1.2
mA
1, 2, 3
V+ = 30V
3.0
mA
1
4.0
mA
2, 3
Isink
Output Sink Current
V+ = 15V, Vout = 200mV,
+Vin = 0mV, -Vin = +65mV
12
uA
1
V+ = 15V, Vout = 2V,
+Vin = 0mV, -Vin = +65mV
10
mA
1
5mA
2, 3
Isource
Output Source
Current
V+ = 15V, Vout = 2V,
+Vin = 0mV, -Vin = -65mV
-20
mA
1
-10
mA
2, 3
Ios
Short Circuit Current
V+ = 5V, Vout = 0V
-60
mA
1
Vio
Input Offset Voltage
V+ = 30V, Vcm = 0V
-2
2
mV
1
-4
4
mV
2, 3
V+ = 30V, Vcm = 28.5V
-2
2
mV
1
V+ = 30V, Vcm = 28V
-4
4
mV
2, 3
V+ = 5V, Vcm = 0V
-2
2
mV
1
-4
4
mV
2, 3
CMRR
Common Mode
Rejection Ratio
V+ = 30V, Vin = 0V to 28.5V
70
dB
1
±Iib
Input Bias Current
V+ = 5V, Vcm = 0V
-50
10
nA
1
-100
10
nA
2, 3
Iio
Input Offset Current
V+ = 5V, Vcm = 0V
-10
10
nA
1
-30
30
nA
2, 3
PSRR
Power Supply
Rejection Ratio
V+ = 5V to 30V, Vcm = 0V
65
dB
1
Vcm
Common Mode
Voltage Range
V+ = 30V
(Note 6)
28.5
V
1
(Note 6)
28
V
2, 3
Avs
Large Signal Gain
V+ = 15V, Rl = 2K Ohms,
Vo=1Vto11V
(Note 7)
50
V/mV
4
(Note 7)
25
V/mV
5, 6
Voh
Output Voltage High
V+ = 30V, Rl = 2K Ohms
26
V
4, 5, 6
V+ = 30V, Rl = 10K Ohms
27
V
4, 5, 6
Vol
Output Voltage Low
V+ = 30V, Rl = 10K Ohms
40
mV
4, 5, 6
V+ = 30V, Isink = 1uA
40
mV
4
100
mV
5, 6
V+ = 5V, Rl = 10K Ohms
20
mV
4, 5, 6
Channel Separation
Amp to Amp Coupling
1KHz, 20KHz
(Note 8)
80
dB
4
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com