Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM124AE Arkusz danych(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM124AE
Szczegółowy opis  Low Power Quad Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124AE Arkusz danych(HTML) 11 Page - National Semiconductor (TI)

Back Button LM124AE Datasheet HTML 7Page - National Semiconductor (TI) LM124AE Datasheet HTML 8Page - National Semiconductor (TI) LM124AE Datasheet HTML 9Page - National Semiconductor (TI) LM124AE Datasheet HTML 10Page - National Semiconductor (TI) LM124AE Datasheet HTML 11Page - National Semiconductor (TI) LM124AE Datasheet HTML 12Page - National Semiconductor (TI) LM124AE Datasheet HTML 13Page - National Semiconductor (TI) LM124AE Datasheet HTML 14Page - National Semiconductor (TI) LM124AE Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM124A RAD HARD — DC Drift Values (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) DC: "Delta calculationsperformed
on QMLV devices at group B, subgroup 5 only"
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset Voltage
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-0.5
0.5
mV
1
±Iib
Input Bias Current
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-10
10
nA
1
Electrical Characteristics — POST RADIATION LIMITS +25˚C (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device
ground.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset Voltage
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
(Note 10)
-2.5
2.5
mV
1
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
(Note 10)
-2.5
2.5
mV
1
Vcc+ = 5V, Vcc- = GND,
Vcm = -1.4V
(Note 10)
-2.5
2.5
mV
1
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
(Note 10)
-2.5
2.5
mV
1
Iio
Input Offset Current
Vcc+ = 30V, Vcc- = GND,
Vcm = -15V
(Note 10)
-15
15
nA
1
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
(Note 10)
-15
15
nA
1
Vcc+ = 5V, Vcc- = GND,
Vcm = -1.4V
(Note 10)
-15
15
nA
1
Vcc+ = 2.5V, Vcc- = -2.5V,
Vcm = 1.1V
(Note 10)
-15
15
nA
1
±Iib
Input Bias Current
Vcc+ = 30V, Vcc- = GND,
Vcm = -15V
(Note 10)
-75
+0.1
nA
1
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
(Note 10)
-75
+0.1
nA
1
Vcc+ = 5V, Vcc- = GND,
Vcm = -1.4V
(Note 10)
-75
+0.1
nA
1
Vcc+ = 2.5V, Vcc- = -2.5V,
Vcm = 1.1V
(Note 10)
-75
+0.1
nA
1
Avs+
Voltage Gain
Vcc+ = 30V, Vcc- = GND,
1V
≤ Vo ≤ 26V, Rl = 10K Ohms
(Note 10)
40
V/mV
4
Vcc+ = 30V, Vcc- = GND,
5V
≤ Vo ≤ 20V, Rl = 2K Ohms
(Note 10)
40
V/mV
4
Note 6: Guaranteed by Vio tests.
Note 7: Datalog reading in K=V/mV
Note 8: Guaranteed, not tested
Note 9: Calculated parameters
Note 10: Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table.
These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are guaranteed only for the conditions as specified in MIL-STD-883, Method 1019
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com