Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ANT-490-CW-QW Arkusz danych(PDF) 6 Page - Linx Technologies

Numer części ANT-490-CW-QW
Szczegółowy opis  Single-Band Connectorized Monopole Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINX [Linx Technologies]
Strona internetowa  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-490-CW-QW Arkusz danych(HTML) 6 Page - Linx Technologies

  ANT-490-CW-QW Datasheet HTML 1Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 2Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 3Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 4Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 5Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 6Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 7Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Datasheet
CW Series Antenna
490 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
10 20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340 350
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
10 20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340 350
490 MHz
470 MHz
510 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
10 20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340 350
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
470 MHz to 510 MHz (490 MHz)
Figure 8. Radiation Patterns for CW 490 MHz Antenna
Radiation Patterns
Radiation patterns provide information about the directionality and 3-dimensional gain performance of the
antenna by plotting gain at specific frequencies in three orthogonal planes. Antenna radiation patterns
(Figure 8), are shown using polar plots covering 360 degrees. The antenna graphic above the plots provides
reference to the plane of the column of plots below it. Note: when viewed with typical PDF viewing software,
zooming into radiation patterns is possible to reveal fine detail.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com