Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ANT-490-CW-QW Arkusz danych(PDF) 7 Page - Linx Technologies

Numer części ANT-490-CW-QW
Szczegółowy opis  Single-Band Connectorized Monopole Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINX [Linx Technologies]
Strona internetowa  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-490-CW-QW Arkusz danych(HTML) 7 Page - Linx Technologies

  ANT-490-CW-QW Datasheet HTML 1Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 2Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 3Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 4Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 5Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 6Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 7Page - Linx Technologies ANT-490-CW-QW Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Datasheet
CW Series Antenna
490 MHz
Antenna Definitions and Useful Formulas
VSWR
- Voltage Standing Wave Ratio. VSWR is a unitless ratio that describes the power reflected from the
antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency.
VSWR is easily derived from Return Loss.
VSWR =
10
+ 1
Return Loss
20
10
- 1
Return Loss
20
Return Loss
- Return loss represents the loss in power at the antenna due to reflected signals, measured in
decibels. A lower return loss value indicates better antenna performance at a given frequency. Return Loss is
easily derived from VSWR.
Return Loss = -20 log10 VSWR - 1
VSWR + 1
Efficiency
- The total radiated power divided by the input power at the feed point of an antenna.
decibel (dB)
- A logarithmic unit of measure of the power of an electrical signal.
decibel isotropic (dBi)
- A comparative measure in decibels between an antenna under test and an isotropic
radiator.
decibel relative to a dipole (dBd)
- A comparative measure in decibels between an antenna under test and
an ideal half-wave dipole.
Gain
- The ratio of an antenna’s efficiency in a given direction (G) to the power produced by a theoretical
lossless (100% efficient) isotropic antenna. The gain of an antenna is almost always expressed in decibels.
G
dBi = 10 log10(G)
G
dBd = GdBi - 2.15 dB
Peak Gain
- The highest antenna gain across all directions for a given frequency range. A directional antenna
will have a very high peak gain compared to average gain.
Average Gain
- The average gain across all directions for a given frequency range.
Maximum Power
- The maximum signal power which may be applied to an antenna feed point, typically
measured in watts (W).
Omnidirectional
- Term describing an antenna radiation pattern that is uniform in all directions (spherical).
An isotropic antenna is the theoretical perfect omnidirectional antenna. An ideal dipole antenna has a donut-
shaped radiation pattern and other practical antenna implementations will have less perfect but generally
omnidirectional radiation patterns which are typically plotted on three axes.
Dipole
- An ideal dipole comprises a straight electrical conductor measuring 1/2 wavelength from end to end
connected at the center to a feed point for the radio.
Isotropic Radiator
- A theoretical antenna which radiates energy equally in all directions as a perfect sphere.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com