| Zakładka z wyszukiwarką danych komponentów |
|
STM32L072CZ Arkusz danych(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072CZ Arkusz danych(HTML) 71 Page - STMicroelectronics |
|
71 / 160 page ![]() DS10689 Rev 5 71/160 STM32L072xx Electrical characteristics 122 Figure 17. IDD vs VDD, at TA= 25/55/85/105 °C, Run mode, code running from Flash memory, Range 2, HSI16, 1WS MSv37844V1 0 0.50 1.00 1.50 2.00 2.50 3.00 3.50 1.65 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 -40 °C 25 °C 55 °C 85 °C 105 °C 125 °C VDD (V) Table 32. Current consumption in Run mode, code with data processing running from RAM Symbol Parameter Condition fHCLK (MHz) Typ Max(1) Unit IDD (Run from RAM) Supply current in Run mode code executed from RAM, Flash memory switched off fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2 above 16 MHz (PLL ON)(2) Range3, Vcore=1.2 V VOS[1:0]=11 1175 230 µA 2315 360 4570 630 Range2, Vcore=1.5 V VOS[1:0]=10 40,71 0,78 mA 81,35 1,6 16 2,7 3 Range1, Vcore=1.8 V VOS[1:0]=01 81,7 1,9 16 3,2 3,7 32 6,65 7,1 MSI clock Range3, Vcore=1.2 V VOS[1:0]=11 0,065 38 98 µA 0,524 105 160 4,2 615 710 HSI clock source (16 MHz) Range2, Vcore=1.5 V VOS[1:0]=10 16 2,85 3 mA Range1, Vcore=1.8 V VOS[1:0]=01 32 6,85 7,3 1. Guaranteed by characterization results at 125 °C, unless otherwise specified. |