| Zakładka z wyszukiwarką danych komponentów |
|
STM32L072CZ Arkusz danych(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072CZ Arkusz danych(HTML) 81 Page - STMicroelectronics |
|
81 / 160 page ![]() DS10689 Rev 5 81/160 STM32L072xx Electrical characteristics 122 6.3.5 Wakeup time from low-power mode The wakeup times given in the following table are measured with the MSI or HSI16 RC oscillator. The clock source used to wake up the device depends on the current operating mode: • Sleep mode: the clock source is the clock that was set before entering Sleep mode • Stop mode: the clock source is either the MSI oscillator in the range configured before entering Stop mode, the HSI16 or HSI16/4. • Standby mode: the clock source is the MSI oscillator running at 2.1 MHz All timings are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 26. Table 41. Peripheral current consumption in Stop and Standby mode(1) Symbol Peripheral Typical consumption, TA = 25 °C Unit VDD=1.8 V VDD=3.0 V IDD(PVD / BOR) -0.7 1.2 µA IREFINT -- 1.7 - LSE Low drive(2) 0.11 0,13 - LSI 0.27 0.31 -IWDG 0.2 0.3 - LPTIM1, Input 100 Hz 0.01 0,01 - LPTIM1, Input 1 MHz 11 12 - LPUART1 - 0,5 - RTC 0.16 0,3 1. LPTIM, LPUART peripherals can operate in Stop mode but not in Standby mode. 2. LSE Low drive consumption is the difference between an external clock on OSC32_IN and a quartz between OSC32_IN and OSC32_OUT.- Table 42. Low-power mode wakeup timings Symbol Parameter Conditions Typ Max Unit tWUSLEEP Wakeup from Sleep mode fHCLK = 32 MHz 7 8 Number of clock cycles tWUSLEEP_ LP Wakeup from Low-power sleep mode, fHCLK = 262 kHz fHCLK = 262 kHz Flash memory enabled 78 fHCLK = 262 kHz Flash memory switched OFF 910 |