Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5604C Arkusz danych(PDF) 56 Page - NXP Semiconductors

Numer części MPC5604C
Szczegółowy opis  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604C Arkusz danych(HTML) 56 Page - NXP Semiconductors

Back Button MPC5604C Datasheet HTML 52Page - NXP Semiconductors MPC5604C Datasheet HTML 53Page - NXP Semiconductors MPC5604C Datasheet HTML 54Page - NXP Semiconductors MPC5604C Datasheet HTML 55Page - NXP Semiconductors MPC5604C Datasheet HTML 56Page - NXP Semiconductors MPC5604C Datasheet HTML 57Page - NXP Semiconductors MPC5604C Datasheet HTML 58Page - NXP Semiconductors MPC5604C Datasheet HTML 59Page - NXP Semiconductors MPC5604C Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
56
Example 2. Simplified regulator
The regulator should be able to provide significant amount of the current during the standby exit process.
For example, in case of an ideal voltage regulator providing 200 mA current, it is possible to recalculate
the equivalent ESRSTDBY(MAX) and CSTDBY(MIN) as follows:
ESRSTDBY(MAX) = |ΔVDD(STDBY)|/(IDD_BV − 200 mA) = (30 mV)/(100 mA) = 0.3 Ω
CSTDBY(MIN) = (IDD_BV − 200 mA)/dVDD(STDBY)/dt = (300 mA − 200 mA)/(15 mV/µs) = 6.7 µF
In case optimization is required, CSTDBY(MIN) and ESRSTDBY(MAX) should be calculated based on the
regulator characteristics as well as the board VDD plane characteristics.
2.17.2
Low voltage detector electrical characteristics
The device implements a Power-on Reset (POR) module to ensure correct power-up initialization, as well
as four low voltage detectors (LVDs) to monitor the VDD and the VDD_LV voltage while device is supplied:
•
POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state
(refer to RGM Destructive Event Status (RGM_DES) Register flag F_POR in device reference
manual)
•
LVDHV3 monitors VDD to ensure device reset below minimum functional supply (refer to RGM
Destructive Event Status (RGM_DES) Register flag F_LVD27 in device reference manual)
•
LVDHV5 monitors VDD when application uses device in the 5.0 V ± 10% range (refer to RGM
Functional Event Status (RGM_FES) Register flag F_LVD45 in device reference manual)
•
LVDLVCOR monitors power domain No. 1 (refer to RGM Destructive Event Status (RGM_DES)
Register flag F_LVD12_PD1 in device reference manual
•
LVDLVBKP monitors power domain No. 0 (refer to RGM Destructive Event Status (RGM_DES)
Register flag F_LVD12_PD0 in device reference manual)
NOTE
When enabled, power domain No. 2 is monitored through LVDLVBKP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com