Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5604C Arkusz danych(PDF) 76 Page - NXP Semiconductors

Numer części MPC5604C
Szczegółowy opis  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604C Arkusz danych(HTML) 76 Page - NXP Semiconductors

Back Button MPC5604C Datasheet HTML 72Page - NXP Semiconductors MPC5604C Datasheet HTML 73Page - NXP Semiconductors MPC5604C Datasheet HTML 74Page - NXP Semiconductors MPC5604C Datasheet HTML 75Page - NXP Semiconductors MPC5604C Datasheet HTML 76Page - NXP Semiconductors MPC5604C Datasheet HTML 77Page - NXP Semiconductors MPC5604C Datasheet HTML 78Page - NXP Semiconductors MPC5604C Datasheet HTML 79Page - NXP Semiconductors MPC5604C Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
76
The two transients above are not influenced by the voltage source that, due to the presence of the RFCF
filter, is not able to provide the extra charge to compensate the voltage drop on CS with respect to the ideal
source VA; the time constant RFCF of the filter is very high with respect to the sampling time (ts). The filter
is typically designed to act as anti-aliasing.
Figure 23. Spectral representation of input signal
Calling f0 the bandwidth of the source signal (and as a consequence the cut-off frequency of the
anti-aliasing filter, fF), according to the Nyquist theorem the conversion rate fC must be at least 2f0; it
means that the constant time of the filter is greater than or at least equal to twice the conversion period (tc).
Again the conversion period tc is longer than the sampling time ts, which is just a portion of it, even when
fixed channel continuous conversion mode is selected (fastest conversion rate at a specific channel): in
conclusion it is evident that the time constant of the filter RFCF is definitively much higher than the
sampling time ts, so the charge level on CS cannot be modified by the analog signal source during the time
in which the sampling switch is closed.
The considerations above lead to impose new constraints on the external circuit, to reduce the accuracy
error due to the voltage drop on CS; from the two charge balance equations above, it is simple to derive
Equation 11 between the ideal and real sampled voltage on CS:
Eqn. 11
From this formula, in the worst case (when VA is maximum, that is for instance 5 V), assuming to accept
a maximum error of half a count, a constraint is evident on CF value:
Eqn. 12
f0
f
Analog source bandwidth (VA)
f0
f
Sampled signal spectrum (fC = conversion rate)
fC
f
Anti-aliasing filter (fF = RC filter pole)
fF
2 f0 < fC (Nyquist)
fF = f0 (anti-aliasing filtering condition)
tc < 2 RFCF (conversion rate vs. filter pole)
Noise
VA2
VA
------------
CP1 CP2
+CF
+
CP1 CP2
+CF CS
++
--------------------------------------------------------
=
CF 2048 CS
•
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com