Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VTA01B-B Arkusz danych(PDF) 3 Page - ETA-USA

Numer części VTA01B-B
Szczegółowy opis  25 WATT AC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETA-USA [ETA-USA]
Strona internetowa  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

VTA01B-B Arkusz danych(HTML) 3 Page - ETA-USA

  VTA01B-B Datasheet HTML 1Page - ETA-USA VTA01B-B Datasheet HTML 2Page - ETA-USA VTA01B-B Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ETA-USA Tel: 408-778-2793 Fax: 408-779-2753 e-mail: sales@eta-usa.com
VTA**B Specification
Specifications<AC/DC>
VTA**B
25,30WATTS /3 OUTPUTS
Output Voltage [V]
5
+12
-12
+12
+5
-12
5
+12
-5
5
+15
-15
at horizontal mount 25W
2.8
0.5
0.4
1.5
0.7
0.25
2.8
0.5
0.5
2.8
0.36
0.36
at vertical mount 30W
3.0
0.75
0.5
1.7
0.8
0.3
3.0
0.75
0.75
3.0
0.5
0.5
Voltage Adjust Range
Ripple and Noise [mVp-p](maximum) *3
100
170
170
170
100
170
100
170
100
100
200
200
Regulation
a.Statistic Line Regulation [mV](maximum)
35
84
84
84
35
84
35
84
35
35
105
105
b.Statistic Load Regulation [mV](maximum)
50
120
120
120
50
120
50
120
50
50
150
150
c.Temperature Coefficient *4
d.Drift[mV](maximum) *5
40
75
75
75
40
75
40
75
40
40
90
90
e.Dynamic Load Regulation [mV](typical) *6
150
360
360
360
150
360
150
360
150
150
450
450
f.Recovery Time *6
Rise up time
Hold up time
Overcurrent Protection
Overvoltage Protection
Remote Sense
Remote On/Off
Operating Temperature
Operating Humidity
Storage Temperature
Storage Humidity
Isolation Resistance
Vibration
Shock
Cooling
? Leakage Current
? Line Conduction Noise
? Safety
? Weight (typical)
? MTBF [H]
? Switching Frequency[kHz](typical)
*3 measured by a bayonet probe at the output connector at a 0 to 100MHz bandwidth
*4 at 0 to +50℃
*5 for 7hour period after 1hour warm-up at 25℃ and rated input/output
*6 when output current changed from 25% to 75% of rated output current rapidly at AC100V input
380g
500,000
43
Conditions:
Convection
1.0mA(maximum)
Not specified
-
Secondary-Frame Ground AC500V for 1minute
Primary-Secondary-Frame Ground 50MΩ(minimum) by DC500V insulation tester
5-10Hz:10mm double amplitude,10-55Hz:19.6m/s2,20minutes' period for 60minutes each along X,Y,Z axes(non-operating)
294m/s2
Current Limiting with automatic recovery
Zener diode clamping
not available
not available
0.5mS(typical)
200mS(maximum) at 25℃ and rated input/output
10mS(minimum) at 25W/8mS(minimum) at 30W both at 25℃ and rated input/output
Functions
Model
VTA04B
Output Characteristic
Output Current [A]
VTA01B
VTA01B-B
VTA03B
V1:+5% of Rated Output Voltage(at no load within input range)
V2,V3:fixed with tolerance of +/-3.5% Rate Output Voltage(at no load within input range)
0.03%/℃
Environmental
0 to +50℃
85%RH(non-condensing)
-20 to +85℃
30 to 85%RH(non-condensing)
Withstanding Voltage
Primary-Secondary
AC2,500Vfor 1minute
Primary-Frame Ground AC2,500V for 1minute
*1 at cold start
*2 at DC260V and rated output



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com