Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VTA01B-B Arkusz danych(PDF) 1 Page - ETA-USA

Numer części VTA01B-B
Szczegółowy opis  25 WATT AC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETA-USA [ETA-USA]
Strona internetowa  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

VTA01B-B Arkusz danych(HTML) 1 Page - ETA-USA

  VTA01B-B Datasheet HTML 1Page - ETA-USA VTA01B-B Datasheet HTML 2Page - ETA-USA VTA01B-B Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ETA-USA Tel: 408-778-2793 Fax: 408-779-2753 e-mail: sales@eta-usa.com
General Description
VT is the basic series of switching power supplies
manufactured by ETA Electric Industry. 188 different
models are available. Output power ranges from 10W to
600W. 50 models have dual outputs; 33 models are
designed with triple outputs. Input selectable (“SZ”)
models conform to local power conditions.
Features
Compact
Isolated outputs
High Performance and Reliability
Excellent for equipment/din rail
applications
25 WATT
AC-DC
CONVERTER
VTA-00B
SERIES
Specifications<AC/DC>
VTA**B
25,30WATTS /3 OUTPUTS
Input Voltage
Input Range
Input Frequency
Input Frequency Range
Phase
Inrush Current
*1
Efficiency [%] (typical) *2
AC200V(DC260V)
AC180-264V(DC220-350V)
50/60Hz
47 -440Hz
75
Single
25A(maximum) at rated input/output
76
VTA01B
VTA01B-B
VTA03B
Model
VTA04B
Input Characteristic


Podobny numer części - VTA01B-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETA-USA
VTA01-C/D ETA-USA-VTA01-C/D Datasheet
7Mb / 3P
25W Isolated Power Supply
VTA01-CB/DB ETA-USA-VTA01-CB/DB Datasheet
7Mb / 3P
25W Isolated Power Supply
VTA01A ETA-USA-VTA01A Datasheet
268Kb / 2P
25 WATT AC-DC CONVERTER
VTA01A-B ETA-USA-VTA01A-B Datasheet
268Kb / 2P
25 WATT AC-DC CONVERTER
VTA01C12 ETA-USA-VTA01C12 Datasheet
7Mb / 3P
25W Isolated Power Supply
More results

Podobny opis - VTA01B-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETA-USA
ERA-FWB ETA-USA-ERA-FWB Datasheet
503Kb / 4P
25 WATT AC-DC CONVERTER
ERA-SA ETA-USA-ERA-SA Datasheet
470Kb / 4P
25 WATT AC-DC CONVERTER
ERA-SB ETA-USA-ERA-SB Datasheet
488Kb / 4P
25 WATT AC-DC CONVERTER
MRA-SA ETA-USA-MRA-SA Datasheet
478Kb / 4P
25 WATT AC-DC CONVERTER
MRA-SB ETA-USA-MRA-SB Datasheet
464Kb / 3P
25 WATT AC-DC CONVERTER
SVA-SB ETA-USA-SVA-SB Datasheet
553Kb / 3P
25 WATT AC-DC CONVERTER
VTA-00A ETA-USA-VTA-00A Datasheet
268Kb / 2P
25 WATT AC-DC CONVERTER
VTA-FWB ETA-USA-VTA-FWB Datasheet
344Kb / 3P
25 WATT AC-DC CONVERTER
VTA-SB ETA-USA-VTA-SB Datasheet
356Kb / 3P
25 WATT AC-DC CONVERTER
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
25 WATT AC-DC CONVERTER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com