| Zakładka z wyszukiwarką danych komponentów |
|
34LC02-I/P Arkusz danych(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
34LC02-I/P Arkusz danych(HTML) 23 Page - Microchip Technology |
|
23 / 40 page ![]() 2007-2022 Microchip Technology Inc. and its subsidiaries DS20002029G-page 23 34AA02/34LC02 0.25 C A–B D C SEATING PLANE TOP VIEW SIDE VIEW VIEW A–A 0.10 C 0.10 C Microchip Technology Drawing No. C04-057-SN Rev F Sheet 1 of 2 8X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 8-Lead Plastic Small Outline (SN) - Narrow, 3.90 mm (.150 In.) Body [SOIC] 1 2 N h h A1 A2 A A B e D E E 2 E1 2 E1 NOTE 5 NOTE 5 NX b 0.10 C A–B 2X H 0.23 (L1) L R0.13 R0.13 VIEW C SEE VIEW C NOTE 1 D 0.10 C A–B 2X 0.10 C A–B 2X |