Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

34LC02-I/P Arkusz danych(PDF) 29 Page - Microchip Technology

Numer części 34LC02-I/P
Szczegółowy opis  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34LC02-I/P Arkusz danych(HTML) 29 Page - Microchip Technology

Back Button 34LC02-I/P Datasheet HTML 25Page - Microchip Technology 34LC02-I/P Datasheet HTML 26Page - Microchip Technology 34LC02-I/P Datasheet HTML 27Page - Microchip Technology 34LC02-I/P Datasheet HTML 28Page - Microchip Technology 34LC02-I/P Datasheet HTML 29Page - Microchip Technology 34LC02-I/P Datasheet HTML 30Page - Microchip Technology 34LC02-I/P Datasheet HTML 31Page - Microchip Technology 34LC02-I/P Datasheet HTML 32Page - Microchip Technology 34LC02-I/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 29
34AA02/34LC02
B
A
0.15 C
0.15 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing No. C04-129-MN Rev E Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Plastic Dual Flat, No Lead Package (MN) – 2x3x0.8 mm Body [TDFN]
D
E
D2
E2
A
(A3)
A1
e
8X b
L
K
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40