| Zakładka z wyszukiwarką danych komponentów |
|
SPC5643LFAMLL6R Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6R Arkusz danych(HTML) 5 Page - NXP Semiconductors |
|
5 / 136 page ![]() Introduction MPC5643L Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 5 1.4 Block diagram Figure 1 shows a top-level block diagram of the MPC5643L device. Packages LQFP 144 pins MAPBGA 257 MAPBGA Temperature Temperature range (junction) –40 to 150 °C Ambient temperature range using external ballast transistor (LQFP) –40 to 125 °C Ambient temperature range using external ballast transistor (BGA) –40 to 125 °C 1 The third eTimer (eTimer_2) is available with external I/O access only in the BGA package, on the LQFP package eTimer_2 is available internally only without any external I/O access. 2 The second FlexPWM module is available only in the BGA package. Table 1. MPC5643L device summary (continued) Feature MPC5643L |